Electronic Components Datasheet Search
  English  ▼

X  

LT3027 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3027
Description  Dual 100mA, Low Dropout, Low Noise, Micropower Regulator with Independent Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3027 Datasheet(HTML) 4 Page - Linear Technology

  LT3027 Datasheet HTML 1Page - Linear Technology LT3027 Datasheet HTML 2Page - Linear Technology LT3027 Datasheet HTML 3Page - Linear Technology LT3027 Datasheet HTML 4Page - Linear Technology LT3027 Datasheet HTML 5Page - Linear Technology LT3027 Datasheet HTML 6Page - Linear Technology LT3027 Datasheet HTML 7Page - Linear Technology LT3027 Datasheet HTML 8Page - Linear Technology LT3027 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT3027
3027fa
OUTPUT CURRENT (mA)
500
450
400
350
300
250
200
150
100
50
0
3027 G02
0
102030 40
50 60 70
80 90 100
TJ ≤ 125°C
TJ ≤ 25°C
= TEST POINTS
TEMPERATURE (
°C)
–50
100
3027 G03
050
40
35
30
25
20
15
10
5
0
–25
25
75
125
VIN = 6V
RL = 250k
IL = 5µA
VSHDN = VIN
VSHDN = 0V
Guaranteed Dropout Voltage
Quiescent Current
Dropout Voltage
TEMPERATURE (
°C)
–50
0
50
75
3027 G03
–25
25
100
125
IL = 100mA
IL = 50mA
IL = 10mA
IL = 1mA
500
450
400
350
300
250
200
150
100
50
0
OUTPUT CURRENT (mA)
500
450
400
350
300
250
200
150
100
50
0
3027 G01
0
102030 40
50 60 70
80 90 100
TJ = 125°C
TJ = 25°C
Typical Dropout Voltage
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT VOLTAGE (V)
02
6
10
14
18
30
25
20
15
10
5
0
4
8
12
16
3027 G06
20
TJ = 25°C
RL = 250k
IL = 5µA
VSHDN = VIN
VSHDN = 0V
Quiescent Current
ADJ1 or ADJ2 Pin Voltage
TEMPERATURE (
°C)
–50
100
3027 G05
050
1.240
1.235
1.230
1.225
1.220
1.215
1.210
1.205
1.200
–25
25
75
125
IL = 1mA
INPUT VOLTAGE (V)
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
3027 G07
0123
4
5
67
8
9
10
TJ = 25°C
*FOR VOUT = 1.22V
RL = 12.2Ω
IL = 100mA*
RL = 24.4Ω
IL = 50mA*
RL = 122Ω
IL = 10mA*
RL = 1.22k
IL = 1mA*
OUTPUT CURRENT (mA)
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
3027 G08
0
102030 40
50 60 70
80 90 100
VIN = VOUT(NOMINAL) + 1V
GND Pin Current
GND Pin Current vs ILOAD
TEMPERATURE (
°C)
–50
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
50
75
3027 G09
–25
25
100
125
IL = 1mA
SHDN1 or SHDN2 Pin Threshold
(On-to-Off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com