Electronic Components Datasheet Search
  English  ▼

X  

LTC1052 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1052
Description  Zero-Drift Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1052 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1052 Datasheet HTML 5Page - Linear Technology LTC1052 Datasheet HTML 6Page - Linear Technology LTC1052 Datasheet HTML 7Page - Linear Technology LTC1052 Datasheet HTML 8Page - Linear Technology LTC1052 Datasheet HTML 9Page - Linear Technology LTC1052 Datasheet HTML 10Page - Linear Technology LTC1052 Datasheet HTML 11Page - Linear Technology LTC1052 Datasheet HTML 12Page - Linear Technology LTC1052 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC1052/LTC7652
9
1052fa
When connectors, switches, relays and/or sockets are
necessary they should be selected for low thermal EMF
activity. The same techniques of thermally balancing and
coupling the matching junctions are effective in reducing
the thermal EMF errors of these components.
Resistors are another source of thermal EMF errors.
Table 1 shows the thermal EMF generated for different
resistors. The temperature gradient across the resistor is
important, not the ambient temperature. There are two
junctions formed at each end of the resistor and if these
junctions are at the same temperature, their thermal EMFs
will cancel each other. The thermal EMF numbers are
approximate and vary with resistor value. High values give
higher thermal EMF.
APPLICATIO S I FOR ATIO
connections, to the inverting input. Guarding both sides
of the printed circuit board is required. Bulk leakage
reduction depends on the guard ring width.
Microvolts
Thermocouple effects must be considered if the LTC1052’s
ultralow drift is to be fully utilized. Any connection
of dissimilar metals forms a thermoelectric junction
producing an electric potential which varies with
temperature (Seebeck effect). As temperature sensors,
thermocouples exploit this phenomenon to produce
useful information. In low drift amplifier circuits the effect
is a primary source of error.
Connectors, switches, relay contacts, sockets, resistors,
solder, and even copper wire are all candidates for
thermal EMF generation. Junctions of copper wire from
different manufacturers can generate thermal EMFs of
200nV/°C—4 times the maximum drift specification of
the LTC1052. The copper/kovar junction, formed when
wire or printed circuit traces contact a package lead, has
a thermal EMF of approximately 35µV/°C–700 times the
maximum drift specification of the LTC1052.
Minimizing thermal EMF-induced errors is possible if
judicious attention is given to circuit board layout and
component selection. It is good practice to minimize the
number of junctions in the amplifier’s input signal path.
Avoid connectors, sockets, switches and relays where
possible. In instances where this is not possible, attempt
to balance the number and type of junctions so that
differential cancellation occurs. Doing this may involve
deliberately introducing junctions to offset unavoidable
junctions.
Figure 2 is an example of the introduction of an
unnecessary resistor to promote differential thermal
balance. Maintaining compensating junctions in close
physical proximity will keep them at the same temperature
and reduce thermal EMF errors.
+
–
LTC1052
LTC1052/7652 • AI03
OUTPUT
NOMINALLY UNNECESSARY
RESISTOR USED TO
THERMALLY BALANCE OTHER
INPUT RESISTOR
RESISTOR LEAD, SOLDER,
COPPER TRACE JUNCTION
LEAD WIRE/SOLDER/COPPER
TRACE JUNCTION
Figure 2
Table 1. Resistor Thermal EMF
RESISTOR TYPE
THERMAL EMF/°C GRADIENT
Tin Oxide
~mV/’C
Carbon Composition
~450µV/°C
Metal Film
~20µV/°C
Wire Wound
Evenohm
~2µV/°C
Manganin
~2µV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com