Electronic Components Datasheet Search
  English  ▼

X  

LTC1052 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1052
Description  Zero-Drift Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1052 Datasheet(HTML) 1 Page - Linear Technology

  LTC1052 Datasheet HTML 1Page - Linear Technology LTC1052 Datasheet HTML 2Page - Linear Technology LTC1052 Datasheet HTML 3Page - Linear Technology LTC1052 Datasheet HTML 4Page - Linear Technology LTC1052 Datasheet HTML 5Page - Linear Technology LTC1052 Datasheet HTML 6Page - Linear Technology LTC1052 Datasheet HTML 7Page - Linear Technology LTC1052 Datasheet HTML 8Page - Linear Technology LTC1052 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC1052/LTC7652
1
1052fa
The LTC
®1052 and LTC7652 are low noise zero-drift op
amps manufactured using Linear Technology’s enhanced
LTCMOS
TM silicon gate process. Chopper-stabilization
constantly corrects offset voltage errors. Both initial offset
and changes in the offset due to time, temperature and
common mode voltage are corrected. This, coupled with
picoampere input currents, gives these amplifiers
unmatched performance.
Low frequency (1/f) noise is also improved by the
chopping technique. Instead of increasing continuously
at a 3dB/octave rate, the internal chopping causes noise to
decrease at low frequencies.
The chopper circuitry is entirely internal and completely
transparent to the user. Only two external capacitors
are required to alternately sample-and-hold the offset
correction voltage and the amplified input signal. Control
circuitry is brought out on the 14-pin and 16-pin versions
to allow the sampling of the LTC1052 to be synchronized
with an external frequency source.
Zero-Drift
Operational Amplifier
, LTC and LT are registered trademarks of Linear Technology Corporation.
FEATURES
DESCRIPTIO
■
Thermocouple Amplifiers
■
Strain Gauge Amplifiers
■
Low Level Signal Processing
■
Medical Instrumentation
■
Guaranteed Max Offset: 5µV
■
Guaranteed Max Offset Drift: 0.05µV/°C
■
Typ Offset Drift: 0.01µV/°C
■
Excellent Long Term Stability: 100nV/√Month
■
Guaranteed Max Input Bias Current: 30pA
■
Over Operating Temperature Range:
Guaranteed Min Gain: 120dB
Guaranteed Min CMRR: 120dB
Guaranteed Min PSRR: 120dB
■
Single Supply Operation: 4.75V to 16V
(Input Voltage Range Extends to Ground)
■
External Capacitors can be Returned to V– with No
Noise Degradation
Ultralow Noise, Low Drift Amplifier
Noise Spectrum
APPLICATIO S
FREQUENCY (Hz)
0
160
140
120
100
80
60
40
20
0
400
100
200
300
500
LTC1052/7652 • TA02
LTCMOS is a trademark of Linear Technology Corporation.
Teflon is a trademark of DuPont.
3
2
3
4
6
7
4
100
Ω
INPUT
5V
–5V
5V
+
–
LT
®1007
LTC1052
+
–
OUTPUT
2
8
1
0.1
µF
0.1
µF
0.1
µF
5V
100k
3K
68k
7
5V
1
–5V
100k
6
8
1.5k
VOS = 3µV
VOS∆T = 50nV/°C
NOISE = 0.06
µV
P-P 0.1Hz TO 10Hz
LTC1052/7652 • TA01
TYPICAL APPLICATIO


Similar Part No. - LTC1052

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1052 LINER-LTC1052 Datasheet
1Mb / 20P
Chopper-Stabilized Operational Amplifier(CSOATM)
LTC1052 LINER-LTC1052 Datasheet
850Kb / 24P
Zero-Drift Operational Amplifier
logo
Texas Instruments
LTC1052 TI1-LTC1052 Datasheet
51Kb / 4P
CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC1052 LINER-LTC1052 Datasheet
1Mb / 28P
1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC1052 LINER-LTC1052 Datasheet
1Mb / 26P
30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
More results

Similar Description - LTC1052

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1151 LINER-LTC1151 Datasheet
217Kb / 8P
Dual 짹15V Zero-Drift Operational Amplifier
LTC2051 LINER-LTC2051 Datasheet
117Kb / 4P
Dual Zero-Drift Operational Amplifier
LTC1052 LINER-LTC1052_09 Datasheet
850Kb / 24P
Zero-Drift Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2970H AKM-AK2970H Datasheet
424Kb / 10P
Zero Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325 Datasheet
717Kb / 10P
Zero-Drift Operational Amplifier
June, 2014 ??Rev. 1
logo
Linear Technology
LTC1151 LINER-LTC1151_15 Datasheet
191Kb / 12P
Dual 15V Zero-Drift Operational Amplifier
LTC7652 LINER-LTC7652_15 Datasheet
856Kb / 24P
Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_16 Datasheet
762Kb / 15P
Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
NCS333A ONSEMI-NCS333A_18 Datasheet
931Kb / 27P
Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
NCS325 ONSEMI-NCS325_17 Datasheet
763Kb / 15P
Zero-Drift Operational Amplifier
March, 2017 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com