Electronic Components Datasheet Search
  English  ▼

X  

LTC1174 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1174
Description  High Efficiency Step-Down and Inverting DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1174 Datasheet(HTML) 2 Page - Linear Technology

  LTC1174 Datasheet HTML 1Page - Linear Technology LTC1174 Datasheet HTML 2Page - Linear Technology LTC1174 Datasheet HTML 3Page - Linear Technology LTC1174 Datasheet HTML 4Page - Linear Technology LTC1174 Datasheet HTML 5Page - Linear Technology LTC1174 Datasheet HTML 6Page - Linear Technology LTC1174 Datasheet HTML 7Page - Linear Technology LTC1174 Datasheet HTML 8Page - Linear Technology LTC1174 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1174
LTC1174-3.3/LTC1174-5
1174fe
(Note 1)
(Voltage Referred to GND Pin)
Input Supply Voltage (Pin 6)
LTC1174 ........................................... – 0.3V to 13.5V
LTC1174HV ...................................... – 0.3V to 18.5V
Switch Current (Pin 5) .............................................. 1A
Switch Voltage (Pin 5)
LTC1174 ................................................. VIN – 13.5V
LTC1174HV ............................................ VIN – 18.5V
Operating Temperature Range
LTC1174CX ............................................ 0
°C to 70°C
LTC1174IX ........................................ – 40
°C to 85°C
Junction Temperature (Note 2) ............................ 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART NUMBER
S8 PART MARKING
LTC1174CS8
LTC1174CS8-3.3
LTC1174CS8-5
LTC1174IS8
LTC1174HVCS8
LTC1174HVCS8-3.3
LTC1174HVCS8-5
LTC1174HVIS8
1174
117433
117450
1174I
1174H
1174H3
1174H5
1174HI
TJMAX = 125°C, θJA = 150°C/W
ORDER PART NUMBER
LTC1174CN8
LTC1174CN8-3.3
LTC1174CN8-5
LTC1174IN8
LTC1174HVCN8
LTC1174HVCN8-3.3
LTC1174HVCN8-5
TJMAX = 125°C, θJA = 110°C/W
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
1
2
3
4
8
7
6
5
TOP VIEW
VOUT (VFB*)
LBOUT
LBIN
GND
SHUTDOWN
IPGM
VIN
SW
N8 PACKAGE
8-LEAD PDIP
* ADJUSTABLE OUTPUT VERSION
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
* ADJUSTABLE OUTPUT VERSION
VOUT (VFB*)
LBOUT
LBIN
GND
SHUTDOWN
IPGM
VIN
SW
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 9V, VSHUTDOWN = VIN, IPGM = 0V, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IFB
Feedback Current
LTC1174/LTC1174HV
1
µA
VFB
Feedback Voltage
LTC1174/LTC1174HV
●
1.20
1.25
1.30
V
VOUT
Regulated Output Voltage
LTC1174-3.3/LTC1174HV-3.3
●
3.14
3.30
3.46
V
LTC1174-5/LTC1174V-5
●
4.75
5.00
5.25
V
∆VOUT
Output Voltage Line Regulation
VIN = 6V to 12V, ILOAD = 100mA, IPGM = VIN (Note 3)
10
70
mV
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com