Electronic Components Datasheet Search
  English  ▼

X  

LTC1174 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1174
Description  High Efficiency Step-Down and Inverting DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1174 Datasheet(HTML) 4 Page - Linear Technology

  LTC1174 Datasheet HTML 1Page - Linear Technology LTC1174 Datasheet HTML 2Page - Linear Technology LTC1174 Datasheet HTML 3Page - Linear Technology LTC1174 Datasheet HTML 4Page - Linear Technology LTC1174 Datasheet HTML 5Page - Linear Technology LTC1174 Datasheet HTML 6Page - Linear Technology LTC1174 Datasheet HTML 7Page - Linear Technology LTC1174 Datasheet HTML 8Page - Linear Technology LTC1174 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC1174
LTC1174-3.3/LTC1174-5
1174fe
Efficiency vs Load Current
Efficiency vs Load Current
Efficiency vs Load Current
Efficiency vs Load Current
Efficiency vs Load Current
Efficiency vs Load Current
TYPICAL PERFOR A CE CHARACTERISTICS
LOAD CURRENT (mA)
1
100
95
90
85
80
75
70
10
100
1174 G01
200
VIN = 6V
VIN = 9V
L = 50
µH
VOUT = 5V
IPGM = 0V
COIL = CTX50-4
LOAD CURRENT (mA)
1
10
100
1174 G02
400
100
95
90
85
80
75
70
L = 50
µH
VOUT = 5V
IPGM = VIN
COIL = CTX50-4
VIN = 6V
VIN = 9V
LOAD CURRENT (mA)
1
10
100
1174 G03
500
100
95
90
85
80
75
70
L = 100
µH
VOUT = 5V
IPGM = VIN
COIL = CTX100-4
VIN = 6V
VIN = 9V
LOAD CURRENT (mA)
1
10
100
1174 G04
300
100
90
80
70
60
50
L = 50
µH
VOUT = 3.3V
IPGM = 0V
COIL = CTX50-4
VIN = 5V
VIN = 9V
LOAD CURRENT (mA)
1
10
100
1174 G06
500
100
90
80
70
60
50
L = 100
µH
VOUT = 3.3V
IPGM = VIN
COIL = CTX100-4
VIN = 5V
VIN = 9V
LOAD CURRENT (mA)
1
10
100
1174 G05
500
100
90
80
70
60
50
L = 50
µH
VOUT = 3.3V
IPGM = VIN
COIL = CTX50-4
VIN = 5V
VIN = 9V
Note 3: Guaranteed by design.
Note 4: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
ELECTRICAL CHARACTERISTICS
Note 5: Current into Pin 6 only, measured without electrolytic input
capacitor.
Note 6: The off-time is wafer-sort trimmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com