Electronic Components Datasheet Search
  English  ▼

X  

LTC1264 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1264
Description  High Speed, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1264 Datasheet(HTML) 1 Page - Linear Technology

  LTC1264 Datasheet HTML 1Page - Linear Technology LTC1264 Datasheet HTML 2Page - Linear Technology LTC1264 Datasheet HTML 3Page - Linear Technology LTC1264 Datasheet HTML 4Page - Linear Technology LTC1264 Datasheet HTML 5Page - Linear Technology LTC1264 Datasheet HTML 6Page - Linear Technology LTC1264 Datasheet HTML 7Page - Linear Technology LTC1264 Datasheet HTML 8Page - Linear Technology LTC1264 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1264
1264fb
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
High Speed, Quad Universal
Filter Building Block
■ High Speed, Up to 250kHz Center Frequency
■ Four Identical Filters in a 0.3" Wide Package
■ Clock-to-Center Frequency Ratio of 20:1
■ Double-Sampling, Improved Aliasing
■ Operates from
±2.37V to ±8V Power Supplies
■ Customized Version with Internal Resistors Available
■ Low Noise
■ Low Harmonic Distortion
■ Available in 24-Pin DIP and SO Wide Packages
The LTC
®1264 consists of four identical, high speed 2nd
order switched-capacitor filter building blocks designed
for center frequencies up to 250kHz. Each building block,
together with three to five resistors, can provide 2nd order
functions like lowpass, highpass, bandpass and notch.
The center frequency of each 2nd order section is tuned via
an external clock. The clock-to-center frequency ratio is
internally set to 20:1, but it can be modified via external
resistors.
The aliasing performance of the LTC1264 is improved by
double-sampling each 2nd order section. Input signal
frequencies can reach up to twice the clock frequency
before any alias products will be detectable.
For Q
≤ 5 and for TA < 85°C, the maximum center
frequency is 160kHz. For Q
≤ 2, the maximum center
frequency is 250kHz. Up to 8th order filters can be realized
by cascading all four 2nd order sections.
A customized monolithic version of the LTC1264 includ-
ing internal thin film resistors can be obtained.
■ Digital Communications
■
Spread Spectrum Communications
■ Spectral Analysis
■ Loran Receivers
■
Instrumentation
50k
10k
50k
10k
IN
1264 TA01
OUT
INV B
HPB/NB
BPB
LPB
SB
AGND
V+
SA
LPA
BPA
HPA/NA
INV A
INV C
HPC/NC
BPC
LPC
SC
V–
CLK
SD
LPD
BPD
HPD/ND
INV D
50k
50k
50k
10k
50k
10k
50k
50k
LTC1264
MAXIMUM
fCENTER
160kHz
120kHz
60kHz
POWER
SUPPLY
±7.5V
±5V
Single 5V
0.1
µF
fCLK
0.1
µF
Clock-Tunable 8th Order Bandpass Filter, fCENTER = fCLK/20
FREQUENCY (Hz)
10k
10
0
–10
–20
–30
–40
–50
–60
–70
–80
100k
1M
1264 TA02
Gain vs Frequency
100kHz Bandpass, f–3dB Bandwidth = fCENTER/10
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC1264

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1264 LINER-LTC1264 Datasheet
343Kb / 16P
High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264 Datasheet
231Kb / 16P
High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264 Datasheet
325Kb / 30P
Clock-Tunable, Quad Second Order, Filter Building Blocks
logo
Analog Devices
LTC1264 AD-LTC1264 Datasheet
270Kb / 20P
Low Noise, Fast, Quad Universal Filter Building Block
REV B
LTC1264 AD-LTC1264 Datasheet
388Kb / 30P
Clock-Tunable, Quad Second Order, Filter Building Blocks
REV C
More results

Similar Description - LTC1264

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
Universal Dual Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
Universal Dual Filter Building Block?
LTC1064 LINER-LTC1064 Datasheet
389Kb / 16P
Low Noise, Fast, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264 Datasheet
343Kb / 16P
High Speed, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164_02 Datasheet
204Kb / 16P
Low Power, Low Noise, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264_05 Datasheet
231Kb / 16P
High Speed, Quad Universal Filter Building Block
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
Universal Dual Filter Building Block
LTC1064 LINER-LTC1064_09 Datasheet
270Kb / 20P
Low Noise, Fast, Quad Universal Filter Building Block
LTC1064 LINER-LTC1064_15 Datasheet
275Kb / 20P
Low Noise, Fast, Quad Universal Filter Building Block
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
Universal Dual Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com