Electronic Components Datasheet Search
  English  ▼

X  

LTC1264 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1264
Description  High Speed, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1264 Datasheet(HTML) 3 Page - Linear Technology

  LTC1264 Datasheet HTML 1Page - Linear Technology LTC1264 Datasheet HTML 2Page - Linear Technology LTC1264 Datasheet HTML 3Page - Linear Technology LTC1264 Datasheet HTML 4Page - Linear Technology LTC1264 Datasheet HTML 5Page - Linear Technology LTC1264 Datasheet HTML 6Page - Linear Technology LTC1264 Datasheet HTML 7Page - Linear Technology LTC1264 Datasheet HTML 8Page - Linear Technology LTC1264 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1264
1264fb
ELECTRICAL C
C
HARA TERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC Offset Voltage (Note 3)
VOS1 (DC Offset of Input Inverter)
●
±20
mV
VOS2 (DC Offset of First Integrator)
●
±45
mV
VOS3 (DC Offset of Second Integrator)
●
±45
mV
Clock Feedthrough
VS = ±7.5V (fCLK is a Square Wave)
160
µVRMS
VS = ±5V (fCLK is a Square Wave)
120
µVRMS
VS = ±2.375V (fCLK is a Square Wave)
90
µVRMS
Maximum Clock Frequency
VS = ±7.5V, TA = 25°C
6
MHz
Power Supply Current
VS = ±5V
9
14
23
mA
●
26
mA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Please refer to Typical Maximum Q vs Clock Frequency graphs.
Note 3: Calculations of output DC offsets of one 2nd order section. Also
see Block Diagram.
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Typical Maximum Q
vs Clock Frequency
Typical Maximum Q
vs Clock Frequency
Typical Maximum Q
vs Clock Frequency
fO(measured) – fO(ideal)
fO (ideal)
VOSN
VOSBP
VOSLP
MODE
PINS 2, 11, 14, 23
PINS 3, 10, 15, 22
PINS 4, 9, 16, 21
1VOS1[(1Q) + 1 ||HOLP ||] – VOS3/Q
VOS3
VOSN – VOS2
1b
VOS1[(1/Q) + 1 + R2/R1] – VOS3/Q
VOS3
≈(VOSN – VOS2)(1 + R5/R6)
2[VOS1(1 + R2/R1 + R2/R3 + R2/R4) – VOS3(R2/R3)]
VOS3
VOSN – VOS2
• [R4/(R2 + R4)] + VOS2[R2/(R2 + R4)]
3VOS2
VOS3
VOS1[1 + R4/R1 + R4/R2 + R4/R3] – VOS2(R4/R2)
– VOS3(R4/R3)
Note 4: The center frequency fO, error is calculated as:
CLOCK FREQUENCY (MHz)
1.5
26
24
22
20
18
16
14
12
10
8
6
4
2
0
2.5
3.5
4.0
1264 G01
2.0
3.0
4.5
5.0
VS = ±7.5V
TA ≤ 85°C
A
B
A. MODES 1, 1b
B. MODES 3, 3a
CLOCK FREQUENCY (MHz)
1.0
26
24
22
20
18
16
14
12
10
8
6
4
2
0
2.0
3.0
3.5
1264 G02
1.5
2.5
4.0
VS = ±5V
TA ≤ 85°C
A
B
A. MODES 1, 1b
B. MODES 3, 3a
CLOCK FREQUENCY (MHz)
1.0
20
18
16
14
12
10
8
6
4
2
0
1.8
1264 G03
1.2
1.4
1.6
2.0
B
A
VS = SINGLE 5V
TA ≤ 85°C
A. MODES 1, 1b
B. MODES 3, 3a
• 100
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Complete Filter) VS = ±5V, fCLK = 1MHz, all sides mode 1, fO = 50kHz,
Q = 5, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com