Electronic Components Datasheet Search
  English  ▼

X  

LTC1278 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1278
Description  12-Bit, 500ksps Sampling A/D Converter with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1278 Datasheet(HTML) 2 Page - Linear Technology

  LTC1278 Datasheet HTML 1Page - Linear Technology LTC1278 Datasheet HTML 2Page - Linear Technology LTC1278 Datasheet HTML 3Page - Linear Technology LTC1278 Datasheet HTML 4Page - Linear Technology LTC1278 Datasheet HTML 5Page - Linear Technology LTC1278 Datasheet HTML 6Page - Linear Technology LTC1278 Datasheet HTML 7Page - Linear Technology LTC1278 Datasheet HTML 8Page - Linear Technology LTC1278 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1278
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
ORDER
PART NUMBER
AVDD = DVDD = VDD (Notes 1, 2)
Supply Voltage (VDD) .............................................. 12V
Negative Supply Voltage (VSS)
Bipolar Operation Only .......................... – 6V to GND
Total Supply Voltage (VDD to VSS)
Bipolar Operation Only ....................................... 12V
Analog Input Voltage (Note 3)
Unipolar Operation ................... – 0.3V to VDD + 0.3V
Bipolar Operation............... VSS – 0.3V to VDD + 0.3V
Digital Input Voltage (Note 4)
Unipolar Operation ................................ – 0.3V to 12V
Bipolar Operation........................... VSS – 0.3V to 12V
Digital Output Voltage
Unipolar Operation ................... – 0.3V to VDD + 0.3V
Bipolar Operation................ VSS – 0.3V to VDD + 0.3V
Power Dissipation ............................................. 500mW
Operating Temperature Range
LTC1278-4C, LTC1278-5C ..................... 0
°C to 70°C
LTC1278-4I ....................................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
SW PACKAGE
24-LEAD PLASTIC SO WIDE
N PACKAGE
24-LEAD PDIP
24
23
22
21
20
19
18
17
16
15
14
13
AIN
VREF
AGND
D11(MSB)
D10
D9
D8
D7
D6
D5
D4
DGND
AVDD
VSS
BUSY
CS
RD
CONVST
SHDN
DVDD
D0
D1
D2
D3
TJMAX = 110°C, θJA = 100°C/W (N)
TJMAX = 110°C, θJA = 130°C/W (SW)
Consult factory for Military grade parts.
LTC1278-4CN
LTC1278-5CN
LTC1278-4IN
LTC1278-4CSW
LTC1278-5CSW
LTC1278-4ISW
LTC1278-4/LTC1278-5
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
q
12
Bit
Integral Linearity Error
(Note 7)
q
±1
LSB
Differential Linearity Error
q
±1
LSB
Offset Error
(Note 8)
±4
LSB
q
±6
LSB
Gain Error
±15
LSB
Gain Error Tempco
IOUT(REF) = 0
q
±10
±45
ppm/
°C
CC
HARA TERISTICS
CO VERTER
With Internal Reference (Notes 5, 6)
LTC1278-4/LTC1278-5
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (Note 9)
4.95V
≤ VDD ≤ 5.25V (Unipolar)
q
0 to 5
V
4.75V
≤ VDD ≤ 5.25V, –5.25V ≤ VSS ≤ – 2.45V (Bipolar)
q
±2.5
V
IIN
Analog Input Leakage Current
CS = High
q
±1
µA
CIN
Analog Input Capacitance
Between Conversions (Sample Mode)
45
pF
During Conversions (Hold Mode)
5
pF
PUT
I
A
A
LOG
(Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com