Electronic Components Datasheet Search
  English  ▼

X  

LTC1278 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1278
Description  12-Bit, 500ksps Sampling A/D Converter with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1278 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1278 Datasheet HTML 2Page - Linear Technology LTC1278 Datasheet HTML 3Page - Linear Technology LTC1278 Datasheet HTML 4Page - Linear Technology LTC1278 Datasheet HTML 5Page - Linear Technology LTC1278 Datasheet HTML 6Page - Linear Technology LTC1278 Datasheet HTML 7Page - Linear Technology LTC1278 Datasheet HTML 8Page - Linear Technology LTC1278 Datasheet HTML 9Page - Linear Technology LTC1278 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1278
INPUT FREQUENCY (Hz)
10k
–100
–80
–60
–40
–20
100k
2M
1M
LT1278 G6
–90
–70
–50
–30
–10
0
fSAMPLE = 500kHz
3RD HARMONIC
THD
2ND HARMONIC
TYPICAL PERFORMANCE CHARACTERISTICS
Spurious Free Dynamic Range vs
Input Frequency
INPUT FREQUENCY (Hz)
20
40
50
70
80
1k
100k
1M
10M
LTC1278 G10
0
10k
60
30
10
VIN = 0dB
VIN = –20dB
VIN = –60dB
fSAMPLE = 500kHz
S/(N
+ D) vs Input Frequency
and Amplitude
Distortion vs Input Frequency
INPUT FREQUENCY (Hz)
20
40
50
70
80
1k
100k
1M
10M
LTC1278 G5
0
10k
60
30
10
fSAMPLE = 500kHz
Signal-to-Noise Ratio (without
Harmonics) vs Input Frequency
INPUT FREQUENCY (Hz)
10k
–100
–80
–60
–40
–20
100k
1M
2M
LTLTC1278 G11
–90
–70
–50
–30
–10
0
fSAMPLE = 500kHz
FREQUENCY (Hz)
0
–120
–100
–80
–60
–40
–20
0
50k
100k
150k
200k
LTC1278 G8
250k
fSAMPLE = 500kHz
fIN1 = 96.80kHz
fIN2 = 101.68kHz
Intermodulation Distortion Plot
RSOURCE (Ω)
10
2500
3000
3500
4000
4500
100
1k
10k
LTC1278 G9
2000
1500
500
0
1000
Acquisition Time vs
Source Impedance
LOAD CURRENT (mA)
–5
2.405
2.410
2.415
2.420
2.425
2.430
2.435
– 4
–2
–1
2
LTC1278 G12
–3
0
1
Reference Voltage vs Load Current
RIPPLE FREQUENCY (Hz)
1k
–120
–40
–20
0
10k
100k
1M
LTC1278 G7
–60
–80
–100
fSAMPLE = 500kHz
AVDD (VRIPPLE = 1mV)
DGND (VRIPPLE = 0.1V)
VSS (VRIPPLE = 10mV)
Power Supply Feedthrough
vs Ripple Frequency
TEMPERATURE (C°)
–55
0
5
10
15
20
–25
0
25
50
LTC1278 G3
75
100
125
fSAMPLE = 500kHz
Supply Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com