Electronic Components Datasheet Search
  English  ▼

X  

LTC1473L Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1473L
Description  Dual Low Voltage PowerPath Switch Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1473L Datasheet(HTML) 1 Page - Linear Technology

  LTC1473L Datasheet HTML 1Page - Linear Technology LTC1473L Datasheet HTML 2Page - Linear Technology LTC1473L Datasheet HTML 3Page - Linear Technology LTC1473L Datasheet HTML 4Page - Linear Technology LTC1473L Datasheet HTML 5Page - Linear Technology LTC1473L Datasheet HTML 6Page - Linear Technology LTC1473L Datasheet HTML 7Page - Linear Technology LTC1473L Datasheet HTML 8Page - Linear Technology LTC1473L Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC1473L
1
The LTC
®1473L provides reliable and efficient switching
between two DC power sources. This device drives two
external sets of back-to-back N-channel MOSFET switches
to route power to the input of a low voltage system. An
internal boost regulator provides the voltage to fully en-
hance the logic-level N-channel MOSFET switches while
an internal undervoltage lock-out circuit keeps the system
alive down to 2.8V.
The LTC1473L senses current to limit inrush between the
batteries and the system supply capacitor during switch-
over transitions or during fault conditions. A user-pro-
grammable timer monitors the time the MOSFET switches
are in current limit and latches them off when the pro-
grammed time is exceeded.
A unique “2-diode” logic mode ensures system start-up
regardless of which input receives power first.
s
Portable Computers
s
Portable Instruments
s
Fault Tolerant Computers
s
Battery-Backup Systems
s
3.3V/5V Power Management
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Power Path Management for Systems
with Multiple DC Sources
s
Switches and Isolates Sources from 3.3V to 10V
s
All N-Channel Switching to Reduce Power Losses
and System Cost
s
Built-In Step-Up Regulator for N-Channel Gate Drive
s
Capacitor Inrush and Short-Circuit Current Limited
s
User-Programmable Timer Prevents Overdissipation
During Current Limiting
s
Undervoltage Lockout Prevents Operation with Low
Inputs
s
Small Footprint: 16-Pin Narrow SSOP
Dual Low Voltage
PowerPath
TM Switch Driver
PowerPath is a trademark of Linear Technology Corporation.
3.3V to 4-Cell NiMH Backup Switch
IN1
IN2
DIODE
TIMER
V+
VGG
SW
GND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
GA1
SAB1
GB1
SENSE+
SENSE–
GA2
SAB2
GB2
LTC1473L
COUT
RSENSE
0.04
Ω
1
µF
1mH*
Si9926DY
BAT54C
1473 TA01
DCIN
3.3V
VBAT1
4
× NiMH
LOGIC
DRIVEN
3.3V OR
VBAT1
CTIMER
2000pF
Si9926DY
1
µF
+
* COILCRAFT 1812LS-105XKBC
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO


Similar Part No. - LTC1473L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1473L LINER-LTC1473L Datasheet
211Kb / 16P
Dual Low Voltage PowerPathTM Switch Driver
LTC1473LCGN LINER-LTC1473LCGN Datasheet
211Kb / 16P
Dual Low Voltage PowerPathTM Switch Driver
More results

Similar Description - LTC1473L

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8620M SANYO-LB8620M Datasheet
92Kb / 5P
Low-voltage, Low-saturation, Dual-Motor Driver?
logo
Linear Technology
LTC1473L LINER-LTC1473L Datasheet
211Kb / 16P
Dual Low Voltage PowerPathTM Switch Driver
LTC4416 LINER-LTC4416 Datasheet
209Kb / 12P
36V, Low Loss Dual PowerPath Controllers for Large PFETs
logo
STMicroelectronics
STG3482 STMICROELECTRONICS-STG3482 Datasheet
216Kb / 14P
Low voltage dual SP4T switch
20-Nov-2007
logo
Linear Technology
LTC4416EMS LINER-LTC4416EMS Datasheet
214Kb / 12P
36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4416 LINER-LTC4416_15 Datasheet
256Kb / 12P
36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4416-1 LINER-LTC4416-1_15 Datasheet
256Kb / 12P
36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC1473 LINER-LTC1473_15 Datasheet
210Kb / 16P
Dual PowerPath Switch Driver
LTC1479 LINER-LTC1479_15 Datasheet
384Kb / 24P
PowerPath Controller for Dual Battery Systems
LTC4418 LINER-LTC4418 Datasheet
1Mb / 30P
Dual Channel Prioritized PowerPath Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com