Electronic Components Datasheet Search
  English  ▼

X  

LTC1473L Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1473L
Description  Dual Low Voltage PowerPath Switch Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1473L Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1473L Datasheet HTML 8Page - Linear Technology LTC1473L Datasheet HTML 9Page - Linear Technology LTC1473L Datasheet HTML 10Page - Linear Technology LTC1473L Datasheet HTML 11Page - Linear Technology LTC1473L Datasheet HTML 12Page - Linear Technology LTC1473L Datasheet HTML 13Page - Linear Technology LTC1473L Datasheet HTML 14Page - Linear Technology LTC1473L Datasheet HTML 15Page - Linear Technology LTC1473L Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC1473L
13
2-Cell Li-Ion to 5V/3.5A DC/DC Converter with Battery Charger and Automatic Switchover Between Battery and DCIN
TYPICAL APPLICATIO S
RSENSE
0.015
Ω
M1
Si4412DY
C4
0.1
µF
D1
CMDSH-3
C3
4.7
µF
16V
D2
MBRS140T3
CIN
22
µF
30V
OS-CON
COUT
100
µF
10V
× 3
VOUT
5V/3.5A
M2
Si4412DY
+
+
R1
105k
1%
L1*
10
µH
SGND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
C1
100pF
C5
1000pF
CSS, 0.1µF
CC2, 220pF
COSC
51pF
RC, 33k
CC
470pF
+
C6
100pF
C2, 0.1
µF
R2
20k
1%
2600pF
CTIMER
C7
1
µF
C8
1
µF
GND
SW
BOOST
GND
GND
UV
GND
OVP
CLP
CLN
COMP1
SENSE
GND
GND
VCC1
VCC2
VCC3
PROG
VC
UVOUT
GND
COMP2
BAT
SPIN
LT1511
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
DCIN
OUT A
V–
IN+ A
IN– B
OUT B
V+
REF
HYST
LTC1442
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
1
2
3
4
8
7
6
5
74C00
12
3
4
5
6
13
12
11
14
BAT54C
D5
MBRD340
C11
0.47
µF
D6
MBR0540T
D4
MBRD340
L3***
20
µH
2,3
1,4
C10
1
µF
R13
5.1k
1%
R12
3k
1%
C16
220pF
RSENSE
0.033
Ω
R20
395k
0.1%
R21
164k
0.1%
C17
10
µF
8.4V
Li-Ion
BATTERY
R19
200
Ω
1%
R15
1k
C15
0.33
µF
R16
300
Ω
C14
1
µF
R17
4.93k
C12
10
µF
C13
10
µF
RSENSE
0.033
Ω
R14
510
Ω
R6
900k
1%
R7
130k
1%
R9
113k
1%
R8
427k
1%
R10
50k
1%
R11
1132k
1%
C9
0.1
µF
R5
500k
7
L2**
1mH
R18, 200
Ω, 1%
1473 TA04
*SUMIDA CDRH125-10
**COILCRAFT 1812LS-105XKBC
***COILTRONICS CTX20-4
10
9
8
Si9926DY
RSENSE
0.033
Ω
IN1
IN2
DIODE
TIMER
V+
VGG
SW
GND
GA1
SAB1
GB1
SENSE+
SENSE–
GA2
SAB2
GB2
LTC1473L
Si9926DY
D3
6.8V
TG
BOOST
SW
VIN
INTVCC
BG
PGND
EXTVCC
COSC
RUN/SS
ITH
SFB
SGND
VOSENSE
SENSE–
SENSE+
LTC1735
8
+
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com