Electronic Components Datasheet Search
  English  ▼

X  

LTC1729 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1729
Description  Li-Ion Battery Charger Termination Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1729 Datasheet(HTML) 1 Page - Linear Technology

  LTC1729 Datasheet HTML 1Page - Linear Technology LTC1729 Datasheet HTML 2Page - Linear Technology LTC1729 Datasheet HTML 3Page - Linear Technology LTC1729 Datasheet HTML 4Page - Linear Technology LTC1729 Datasheet HTML 5Page - Linear Technology LTC1729 Datasheet HTML 6Page - Linear Technology LTC1729 Datasheet HTML 7Page - Linear Technology LTC1729 Datasheet HTML 8Page - Linear Technology LTC1729 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1729 Series
s
Built-In Termination: 3-Hour Time-Out
s
C/10 Detection with Status Indicator
s
Trickle Charge Preconditioning If Cell < 2.7V
s
Charging Enabled When 0
°C < T < 50°C
s
Automatic Charger Present Detection
s
Automatic Battery Present Detection
s
1- or 2-Cell, 4.1V/Cell or 4.2V/Cell Options
s
Precision Internal 0.2% Voltage Feedback Divider
s
Compatible with LT1505/LT1510/LT1511/
LT1512/LT1513/LT1769
s
Small Footprint/Low Profile
The LTC
®1729 series is a family of smart termination
controllers for lithium-ion battery chargers. These ICs
provide trickle charge preconditioning, temperature charge
qualification, time or charge current termination, auto-
matic charger and battery detection and status output.
Combining the LTC1729 series part with the LT
®1510
(1.5A), LT1769 (2A), LT1511 (3A) and LT1505 (> 4A)
step-down chargers is a simple operation. Connecting six
pins from the LTC1729 series part to the step-down
chargers completes the integration. The LTC1729 termi-
nation controllers are also compatible with step-down/
step-up (SEPIC) chargers, including the LT1512 (2A switch)
and LT1513 (3A switch).
The LTC1729 series is available in the 8-pin MSOP and SO
packages.
s
Cellular Phones
s
PDAs
s
Cradle Chargers
s
Camcorders
Figure 1. 500kHz Li-Ion Cell Phone Charger (0.8A)
Li-Ion Battery Charger
Termination Controllers
, LTC and LT are registered trademarks of Linear Technology Corporation.
OVP
BAT
SENSE
GND
VCC
VC
STATUS
NTC
SW
SENSE
OVP
GND
BOOST
PROG
VC
BAT
1
2
3
4
8
7
6
5
LTC1729-4.2
LT1510-5
1
µF
0.22
µF
L1**
10
µH
0.1
µF
1729 F01
OPTION: TIE RESISTOR TO STATUS FOR
CHARGE TERMINATION AT
LOW CHARGING CURRENT
* TOKIN OR MARCON SURFACE MOUNT
** COILTRONICS TP3-100, 10
µH, 2.2mm HEIGHT
(0.8A CHARGING CURRENT)
COILTRONICS TP1 SERIES, 10
µH, 1.8mm
HEIGHT (<0.5A CHARGING CURRENT)
*** PANASONIC EEFCD1B220
† LUMEX SML-LX0805GW-TR
10k NTC THERMISTOR, NTHS1206N02 VISHAY/DALE
NOTE: EITHER A THERMISTOR OR 10k RESISTOR MUST BE PRESENT
0.1
µF
1
µF
1k
COUT***
22
µF
4.2V
200
Ω
300
Ω
6.19k
+
CIN*
10
µF
MBRM120T3
INPUT POWER
8.2V TO 20V
D1†
CHARGE STATUS
MBRM120T3
MMBD914L
VCC
1.4k
+
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC1729

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1729 LINER-LTC1729 Datasheet
200Kb / 12P
Li-Ion Battery Charger Termination Controllers
LTC1729 LINER-LTC1729 Datasheet
226Kb / 16P
Li-Ion Battery Charger Termination Controllers
LTC1729CMS8-4.1 LINER-LTC1729CMS8-4.1 Datasheet
200Kb / 12P
Li-Ion Battery Charger Termination Controllers
LTC1729CMS8-4.1 LINER-LTC1729CMS8-4.1 Datasheet
226Kb / 16P
Li-Ion Battery Charger Termination Controllers
LTC1729CMS8-4.2 LINER-LTC1729CMS8-4.2 Datasheet
200Kb / 12P
Li-Ion Battery Charger Termination Controllers
More results

Similar Description - LTC1729

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1729 LINER-LTC1729 Datasheet
200Kb / 12P
Li-Ion Battery Charger Termination Controllers
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
Li-Ion Battery Charger
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
logo
Linear Technology
LTC1729 LINER-LTC1729_1 Datasheet
226Kb / 16P
Li-Ion Battery Charger Termination Controllers
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
Li-ion Battery Charger
Ver1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com