Electronic Components Datasheet Search
  English  ▼

X  

LTC1729 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1729
Description  Li-Ion Battery Charger Termination Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1729 Datasheet(HTML) 4 Page - Linear Technology

  LTC1729 Datasheet HTML 1Page - Linear Technology LTC1729 Datasheet HTML 2Page - Linear Technology LTC1729 Datasheet HTML 3Page - Linear Technology LTC1729 Datasheet HTML 4Page - Linear Technology LTC1729 Datasheet HTML 5Page - Linear Technology LTC1729 Datasheet HTML 6Page - Linear Technology LTC1729 Datasheet HTML 7Page - Linear Technology LTC1729 Datasheet HTML 8Page - Linear Technology LTC1729 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1729 Series
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. (Note 2)
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: VIN = 8V for LTC1729-4.1/LTC1729-4.2; VIN = 12V for
LTC1729-8.2/LTC1729-8.4
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AC CHARACTERISTICS
TIMER1
Timer for Trickle-Charge Preconditioning
q
0.869
1
1.305
Hr
TIMER2
Timer for Charging
q
2.61
3
3.55
Hr
TIMER3
Timer for VMAX Filter
q
0.764
0.859
1.043
sec
TIMER4
Timer for VC/10 Filter
q
3.055
3.5
4.17
sec
tOSC
Oscillator Period
q
6.66
7.63
9.09
µs
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
IVBAT vs Temperature (4.2V Version)
TEMPERATURE (
°C)
0
8
10
14
75
1729 G01
6
4
25
50
100
2
0
12
VBAT = 2.5V
TEMPERATURE (
°C)
0
8
10
14
75
1729 G02
6
4
25
50
100
2
0
12
VBAT = 5V
VCC (V)
6
14
12
10
8
6
4
2
0
18
26
1729 G03
10
14
22
30
VBAT = 3.5V
VBAT = 2.5V
IVBAT vs Temperature (8.4V Version)
IVBAT vs VCC (4.2V Version)
IVBAT vs VCC (8.4V Version)
ICC vs VCC (8.4V Version)
VCC (V)
10
0
2
4
6
8
10
12
14
18
22
26
1729 G04
30
VBAT = 5V
VBAT = 7V
ICC vs VCC (4.2V Version)
VCC (V)
6
2
4
6
8
10
14
10
14
18
22
1729 G05
26
30
12
VBAT = 2.5V
VBAT = 3.5V
VCC (V)
10
2
4
6
8
10
12
14
14
18
22
26
1729 G06
30
VBAT = 5V
VBAT = 7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com