Electronic Components Datasheet Search
  English  ▼

X  

LTC1772B Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1772B
Description  Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1772B Datasheet(HTML) 1 Page - Linear Technology

  LTC1772B Datasheet HTML 1Page - Linear Technology LTC1772B Datasheet HTML 2Page - Linear Technology LTC1772B Datasheet HTML 3Page - Linear Technology LTC1772B Datasheet HTML 4Page - Linear Technology LTC1772B Datasheet HTML 5Page - Linear Technology LTC1772B Datasheet HTML 6Page - Linear Technology LTC1772B Datasheet HTML 7Page - Linear Technology LTC1772B Datasheet HTML 8Page - Linear Technology LTC1772B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC1772B
1
1772bfa
TYPICAL APPLICATION
DESCRIPTION
Constant Frequency
Current Mode Step-Down
DC/DC Controller in SOT-23
The LTC®1772B is a constant frequency current mode
step-down DC/DC controller providing excellent AC and
DC load and line regulation. The device incorporates an
accurate undervoltage lockout feature that shuts down the
LTC1772B when the input voltage falls below 2.0V.
The LTC1772B provides a ± 2.5% output voltage accuracy
and consumes only 270μA of quiescent current. In shut-
down, the device draws a mere 8μA.
To further maximize the life of a battery source, the
external P-channel MOSFET is turned on continuously
in dropout (100% duty cycle). High constant operating
frequency of 550kHz allows the use of a small external
inductor.
The LTC1772B is available in a small footprint 6-lead
TSOT-23.
For a Burst Mode operation enabled version of the
LTC1772B, please refer to the LTC1772 data sheet.
Figure 1. High Efficiency, High Output Current 2.5V/2A Regulator
L, LT, LTC, LTM and Burst Mode are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
FEATURES
APPLICATIONS
n Burst Mode® Operation Disabled for Lower Output
Ripple at Light Loads
n High Efficiency: Up to 94%
n High Output Currents Easily Achieved
n Wide VIN Range: 2.5V to 9.8V
n Constant Frequency 550kHz Operation
n Low Dropout: 100% Duty Cycle
n Output Voltage Down to 0.8V
n Current Mode Operation for Excellent Line and Load
Transient Response
n Shutdown Mode Draws Only 8µA Supply Current
n Tiny 6-Lead TSOT-23 Package
n One or Two Lithium-Ion-Powered Applications
n Cellular Telephones
n Wireless Devices
n Portable Computers
n Distributed 3.3V, 2.5V or 1.8V Power Systems
ITH/RUN
LTC1772B
10k
R1
0.03Ω
174k
80.6k
L1
4.7μH
M1
D1
220pF
C1: TAIYO YUDEN LMK325BJ106K-T
C2A: SANYO 6TPA47M
C2B: AVX 0805ZC105KAT1A
D1: MOTOROLA MBRM120T3
L1: MURATA LQN6C-4R7
M1: FAIRCHILD FDC638P
R1: IRC LRC-LR1206-01-R030F
GND
VFB
6
5
4
1772 F01a
1
2
3
PGATE
VIN
SENSE–
C1
10μF
10V
C2B
1μF
10V
VIN
2.5V
TO 9.8V
VOUT
2.5V
2A
C2A
47μF
6V
+
LOAD CURRENT (mA)
80
85
100
70
75
65
60
90
95
100
1000
10000
10
VIN = 3.6V
VOUT = 2.5V
LTC1772
Burst Mode
OPERATION
LTC1772B
NON-Burst Mode
OPERATION
*OUTPUT RIPPLE WAVEFORMS FOR THE CIRCUIT
OF FIGURE 1 APPEAR IN FIGURE 2.
1772 F01b
Efficiency vs Load Current*


Similar Part No. - LTC1772B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1772B LINER-LTC1772B Datasheet
196Kb / 12P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B Datasheet
228Kb / 16P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772BES6 LINER-LTC1772BES6 Datasheet
196Kb / 12P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772BES6 LINER-LTC1772BES6 Datasheet
228Kb / 16P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772BES6-PBF LINER-LTC1772BES6-PBF Datasheet
228Kb / 16P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
More results

Similar Description - LTC1772B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1772 LINER-LTC1772 Datasheet
188Kb / 16P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1872 LINER-LTC1872 Datasheet
182Kb / 12P
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
LTC1874 LINER-LTC1874 Datasheet
180Kb / 12P
Dual Constant Frequency Current Mode Step-Down DC/DC Controller
LTC1772B LINER-LTC1772B Datasheet
196Kb / 12P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
logo
Analog Devices
ADP1864 AD-ADP1864 Datasheet
264Kb / 16P
Constant Frequency Current-Mode Step-Down DC/DC Controller in TSOT
10/05-Revision 0
logo
Linear Technology
LTC1772 LINER-LTC1772_1 Datasheet
167Kb / 12P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B_1 Datasheet
228Kb / 16P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1872 LINER-LTC1872_15 Datasheet
193Kb / 12P
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
LTC1874 LINER-LTC1874_15 Datasheet
191Kb / 12P
Dual Constant Frequency Current Mode Step-Down DC/DC Controller
LTC1772 LINER-LTC1772_15 Datasheet
179Kb / 12P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com