Electronic Components Datasheet Search
  English  ▼

X  

LTC1772B Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1772B
Description  Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1772B Datasheet(HTML) 2 Page - Linear Technology

  LTC1772B Datasheet HTML 1Page - Linear Technology LTC1772B Datasheet HTML 2Page - Linear Technology LTC1772B Datasheet HTML 3Page - Linear Technology LTC1772B Datasheet HTML 4Page - Linear Technology LTC1772B Datasheet HTML 5Page - Linear Technology LTC1772B Datasheet HTML 6Page - Linear Technology LTC1772B Datasheet HTML 7Page - Linear Technology LTC1772B Datasheet HTML 8Page - Linear Technology LTC1772B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC1772B
2
1772bfa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN).........................– 0.3V to 10V
SENSE–, PGATE Voltages...............–0.3V to (VIN + 0.3V)
VFB, ITH/RUN Voltages............................... –0.3V to 2.4V
PGATE Peak Output Current (< 10µs) ........................ 1A
Storage Ambient Temperature Range.....– 65°C to 150°C
Operating Temperature Range (Note 2).... –40°C to 85°C
Junction Temperature (Note 3) ............................ 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
ITH/RUN 1
GND 2
VFB 3
6 PGATE
5 VIN
4 SENSE–
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 230°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1772BES6#PBF
LTC1772BES6#TRPBF
LTVU
6-Lead Plastic TSOT Package
–40°C to 85°C
LTC1772BIS6#PBF
LTC1772BIS6#TRPBF
LTVU
6-Lead Plastic TSOT Package
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1772BES6
LTC1772BES6#TR
LTVU
6-Lead Plastic TSOT Package
–40°C to 85°C
LTC1772BIS6
LTC1772BIS6#TR
LTVU
6-Lead Plastic TSOT Package
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input DC Supply Current
Normal Operation
Shutdown
UVLO
Typicals at VIN = 4.2V (Note 4)
2.4V ≤ VIN ≤ 9.8V, PGATE Logic High
2.4V ≤ VIN ≤ 9.8V, VITH/RUN = 0V
VIN < UVLO Threshold
270
8
6
420
22
10
μA
μA
μA
Undervoltage Lockout Threshold
VIN Falling
VIN Rising
l
1.55
1.85
2.00
2.10
2.35
2.40
V
V
Shutdown Threshold (at ITH/RUN)
l
0.15
0.35
0.55
V
Start-Up Current Source
VITH/RUN = 0V
0.25
0.5
0.85
μA
Regulated Feedback Voltage
0°C to 70°C (Note 5)
–40°C to 85°C (Note 5)
l
l
0.780
0.770
0.800
0.800
0.820
0.830
V
V
Output Voltage Line Regulation
2.4V ≤ VIN ≤ 9.8V (Note 5)
0.05
mV/V
Output Voltage Load Regulation
ITH/RUN Sinking 5μA (Note 5)
ITH/RUN Sourcing 5μA (Note 5)
2.5
2.5
mV/μA
mV/μA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 4.2V unless otherwise specified. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com