Electronic Components Datasheet Search
  English  ▼

X  

AN3224 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN3224
Description  Developing an application allowing PR101-USB and MR101-USB FEIG readers to communicate with M24LRXX transponders
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3224 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN3224 Datasheet HTML 30Page - STMicroelectronics AN3224 Datasheet HTML 31Page - STMicroelectronics AN3224 Datasheet HTML 32Page - STMicroelectronics AN3224 Datasheet HTML 33Page - STMicroelectronics AN3224 Datasheet HTML 34Page - STMicroelectronics AN3224 Datasheet HTML 35Page - STMicroelectronics AN3224 Datasheet HTML 36Page - STMicroelectronics AN3224 Datasheet HTML 37Page - STMicroelectronics AN3224 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
RF ISO 15693 Transparent commands
AN3224
34/49
Doc ID 17559 Rev 2
Table 16.
FEISC_0xBF_ISOTranspCmd C/C++ prototype
Function description
Prototype
iResult = FEISC_0xBF_ISOTranspCmd(iFeiscHandle, 0xFF, M,
iRspLength, &sReqData[0], iReqLen,
&sRspData[0],&iRspLen, N);
Parameters
IFeiscHandle: USB reader handle which has been filled in after the reader
detection process (FEISC_NewReader function).
0xFF: Communication address.
M: Mode. The method used by the Transparent command to detect the
transponder answer depends on the mode.
1: answer detected after reception of a Read request
2: answer detected after reception of a Write request with Option_flag = 0.
3: answer detected after reception of a Write request with Option_flag = 1.
4: answer detected after reception of an Inventory request
&iRspLength: Expected RF answer size (bit number)
&sReqData: RF request frame to be sent to the reader.
iReqLen: RF request frame length (sReqData)
&sRspData: Transponder answer (if any). This variable is filled after the
USB request is issued. Before sending any USB request, sRspData must
be formatted as follows:
char sRspData[64]={0}
&isRspLen: sRspData length (0 if no answer)
N: Format of all the parameters passed to the function
0: ASCII.
Example: ‘2356’ corresponds to the string ‘#V’ composed of 2 ASCII
codes.
1: Characters.
Example: ‘2356’ corresponds to 4 characters (2, 3, 5, 6)
2: Hexadecimal.
Example: ‘2356’ corresponds to 2 bytes (0x23 and 0x56)
Returned value
iResult: error code
0: USB request transmission successful
1: USB request transmission failed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com