Electronic Components Datasheet Search
  English  ▼

X  

AN3224 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN3224
Description  Developing an application allowing PR101-USB and MR101-USB FEIG readers to communicate with M24LRXX transponders
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3224 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN3224 Datasheet HTML 32Page - STMicroelectronics AN3224 Datasheet HTML 33Page - STMicroelectronics AN3224 Datasheet HTML 34Page - STMicroelectronics AN3224 Datasheet HTML 35Page - STMicroelectronics AN3224 Datasheet HTML 36Page - STMicroelectronics AN3224 Datasheet HTML 37Page - STMicroelectronics AN3224 Datasheet HTML 38Page - STMicroelectronics AN3224 Datasheet HTML 39Page - STMicroelectronics AN3224 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
RF ISO 15693 Transparent commands
AN3224
36/49
Doc ID 17559 Rev 2
6.2.1
Transparent Read single block command
Visual Basic source code example
Private Function RFReadsingleBlock() As Boolean
Dim strReqData As String
Dim lngReqDataLen As Long
Dim lngRspLength As Long
Dim strRespData As String * 512 ' has to be formatted
Dim lngRespDataLen As Long
Dim lngStatus As Long
'init display
‘txtReadRF_answer.Text = ""
‘txtReadData.Text = ""
lngRspLength = &H38 'response length (Feig USB Reader)
' RF READ SINGLE BLOCK request
' FEIG reader parameters 0X021F
' Flag
0x0A
' RF Read command 0X20
' Address 0x01FA : send FA01
strReqData = "021F0A20FA01"
lngReqDataLen = Len(strReqData)
' SEND COMMAND IN transparent mode
lngStatus = _
FEISC_0xBF_ISOTranspCmd(lngAttachedDeviceHandle(0), &HFF, _
&H1, lngRspLength, _
strReqData, lngReqDataLen, _
strRespData, lngRespDataLen, _
Table 18.
Example of Read single block command in C/C++
FEISC_0xBF_ISOTranspCmd parameters
Parameters
IFeiscHandle: USB Handle
0xFF: Communication address
M:
1: Read mode
iRspLength: 0x38
sRqData:
021F: Reader parameter
0A: RF protocol flag request
20: RF ISO 15693 Read single block command
FA01: address 0x01FA
iReqLen: 6
sRspData: answer from Transponder (if any)
lRspLen: size of sRspData
N: 2 (data expressed in hexadecimal bytes)
Returned value
Error code
Example
iResult = FEISC_0xBF_ISOTranspCmd(iFeiscHandle, 0xFF,
1, iRspLength,’021F0A20FA01’, iReqLen,
&sRspData[0],&iRspLen, 2);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com