Electronic Components Datasheet Search
  English  ▼

X  

KTK161 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KTK161
Description  N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTK161 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KTK161 Datasheet HTML 1Page - KEC(Korea Electronics) KTK161 Datasheet HTML 2Page - KEC(Korea Electronics) KTK161 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1995. 1. 24
3/3
KTK161
Revision No : 0
300
100
30
10
y
, y
- f
FREQUENCY f (MHz)
10
30
100
300
0.1
0.1
4
4
0.5
4
0.02
is
os
1k
3k
10k
0.3
1
3
5
10
30
50
0.5
COMMON
SOURCE
V
=10V
V
=0
Ta=25 C
DS
GS
b is
os
b
is
g
os
g
FREQUENCY f (MHz)
rs
fs
y
, y
- f
1k
3k
5k
0.1
0.3
0.5
1
3
5
10
30
COMMON SOURCE
V
=10V
V
=0
Ta=25 C
DS
GS
g fs
fs
b
rs
b
rs
g
DS
is
y
- V
DRAIN-SOURCE VOLTAGE V
(V)
DS
6
8
10
12
14
16
18
20
22
0.3
0.5
1
3
5
10
COMMON
SOURCE
f=100MHz
Ta=25 C
b is
DS
I
=5mA(I
)
DSS
DSS
I
=5mA(I
)
DS
g is
2
0.5
0.5
2
y
- V
os
DS
DS
DRAIN-SOURCE VOLTAGE V
(V)
6
8
10
12
14
16
18
20
22
0.05
0.1
0.3
0.5
1
3
5
10
COMMON
SOURCE
f=100MHz
Ta=25 C
os
b
DSS
I
=5mA(I
)
DS
2
0.5
g os
DS
I
=5mA(I
)
DSS
2
0.5
y
- V
fs
DS
DS
DRAIN-SOURCE VOLTAGE V
(V)
6
8
10
12
14
16
1
3
5
10
30
COMMON SOURCE
f=100MHz
Ta=25 C
fs
g
I
=5mA
DS
DSS
(I
)
(I
)
DSS
DS
I
=5mA
-b fs
2
0.5
2
0.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com