Electronic Components Datasheet Search
  English  ▼

X  

KTK161 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTK161
Description  N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTK161 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTK161 Datasheet HTML 1Page - KEC(Korea Electronics) KTK161 Datasheet HTML 2Page - KEC(Korea Electronics) KTK161 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1995. 1. 24
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTK161
N CHANNEL JUNCTION FIELD
EFFECT TRANSISTOR
Revision No : 0
HIGH FREQUENCY APPLICATION.
VHF BAND AMPLIFIER APPLICATION.
FEATURES
Low Noise Figure.
: NF=2.5dB(Typ.) (f=100MHz).
High Forward Transfer Admittance.
:|yfs|= 9mS(Typ.).
Extremely Low Reverse Transfer Capacitance.
: Crss=0.1pF(Typ.)
MAXIMUM RATINGS (Ta=25 )
1
2
3
TO-92M
DIM MILLIMETERS
A
B
C
D
E
F
G
H
J
K
1. DRAIN
2. SOURCE
3. GATE
3.20 MAX
4.30 MAX
0.55 MAX
2.40 0.15
1.27
2.30
14.00 0.50
0.60 MAX
1.05
1.45
25
0.55 MAX
L
M
N
EE
L
N
M
C
H
0.80
O
0.75
O
B
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : IDSS Classification O:1.0 3.0,
Y:2.5 6.0,
GR:5.0 10.0,
BL:9.0 15.0
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Gate Leakage Current
IGSS
VGS=-0.5V, VDS=0
-
-
-10
nA
Gate-Drain Breakdown Voltage
V(BR)GDO
IG=-100 A
-18
-
-
V
Drain Current
IDSS (Note)
VDS=10V, VGS=0V
1.0
-
15.0
mA
Gate-Source Cut-off Voltage
VGS(OFF)
VDS=10V, ID=1 A
-0.4
-
-4.0
V
Foward Transfer Admittance
|yfs|
VDS=10V, VGS=0, f=1kHz
-
9.0
-
mS
Reverse Transfer Capacitance
Crss
VGD=-10V, f=1MHz
-
0.10
0.15
pF
Power Gain
Gps
VDD=10V, f=100MHz (Fig.)
-
18
-
dB
Noise Figure
NF
VDD=10V, f=100MHz (Fig.)
-
2.5
3.5
dB
CHARACTERISTIC
SYMBOL
RATING
UNIT
Gate-Drain Voltage
VGDO
-18
V
Gate-Current
IG
10
mA
Drain Power Dissipation
PD
400
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150


Similar Part No. - KTK161

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
KTK1A80 SEMIHOW-KTK1A80 Datasheet
423Kb / 5P
4 Quadrants Sensitive TRIAC
More results

Similar Description - KTK161

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK161 TOSHIBA-2SK161 Datasheet
240Kb / 4P
N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
2SK192A TOSHIBA-2SK192A Datasheet
234Kb / 4P
N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
2SK210 TOSHIBA-2SK210 Datasheet
219Kb / 5P
N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
2SK211 TOSHIBA-2SK211 Datasheet
221Kb / 5P
N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
logo
KEC(Korea Electronics)
KTK211 KEC-KTK211 Datasheet
401Kb / 3P
N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
KTK596 KEC-KTK596 Datasheet
41Kb / 3P
N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
KTK596S KEC-KTK596S Datasheet
46Kb / 5P
N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
KTK597 KEC-KTK597 Datasheet
46Kb / 5P
N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
KTK597E KEC-KTK597E Datasheet
44Kb / 5P
N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
KTK597V KEC-KTK597V Datasheet
45Kb / 5P
N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com