Electronic Components Datasheet Search
  English  ▼

X  

AN3307 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3307
Description  Guidelines for obtaining IEC 60335 Class B certification for any STM32 application
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3307 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3307 Datasheet HTML 25Page - STMicroelectronics AN3307 Datasheet HTML 26Page - STMicroelectronics AN3307 Datasheet HTML 27Page - STMicroelectronics AN3307 Datasheet HTML 28Page - STMicroelectronics AN3307 Datasheet HTML 29Page - STMicroelectronics AN3307 Datasheet HTML 30Page - STMicroelectronics AN3307 Datasheet HTML 31Page - STMicroelectronics AN3307 Datasheet HTML 32Page - STMicroelectronics AN3307 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
AN3307
Class B solution structure
Doc ID 18186 Rev 4
29/37
5.3
Periodic runtime self-test initialization
Assuming that the startup self-tests passed sucessfully and standard initialization has been
done, then the runtime self-tests package must be initialized just before the program enters
the main loop performing regular calling of the runtime self-tests (refer to Figure 5). The
timing should be set properly to ensure the procedures of the runtime tests are called at the
necessary intervals.
At first all class B variables are initialized. Zero and its complement value are stored into
every class B variable complementary pair. The magic pattern is then stored at the top of the
space separated for the stack. Timer peripherals are configured for the tick interval
measurement and master clock frequency measurement. The same method as the startup
test is used.
Figure 14.
Periodic runtime self-test initialization structure
MS18900V1
Class B variables init
Write pattern on stack boundaries
Main time base init (SysTick )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37