Electronic Components Datasheet Search
  English  ▼

X  

AN3311 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN3311
Description  This application note describes
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3311 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN3311 Datasheet HTML 11Page - STMicroelectronics AN3311 Datasheet HTML 12Page - STMicroelectronics AN3311 Datasheet HTML 13Page - STMicroelectronics AN3311 Datasheet HTML 14Page - STMicroelectronics AN3311 Datasheet HTML 15Page - STMicroelectronics AN3311 Datasheet HTML 16Page - STMicroelectronics AN3311 Datasheet HTML 17Page - STMicroelectronics AN3311 Datasheet HTML 18Page - STMicroelectronics AN3311 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
AN3311
STM3210C-EVAL demonstration board
Doc ID 18209 Rev 1
15/58
The power supply is configured by setting the related jumpers JP24 and JP25, as described
in Table 2.
4.4
Boot option
The STM3210C-EVAL board is able to boot from:
●
Embedded user Flash
●
System memory with boot loader for ISP
●
Embedded SRAM for debugging.
The boot option is configured by setting switches SW1 (BOOT1) and SW2 (BOOT0). The
BOOT0 can be configured also via the RS-232 connector CN6.
Table 2.
Power related jumpers
Jumper
Description
Configuration
JP25
JP25 selects one of the three possible power supply resources.
For power supply jack (CN18) to the STM3210C-EVAL only, JP25 is set as shown:
(Default)
For power supply from the daughterboard connectors (CN8 and CN9) to the
STM3210C-EVAL only, JP25 is set as shown:
For power supply from USB (CN2) to the STM3210C-EVAL only, JP25 is set as shown:
For power supply from power supply jack (CN18) to both the STM3210CEVAL
and daughterboard connected on CN8 and CN9, JP25 is set as
shown to the right (the daughterboard must not have its own power supply
connected):
JP24
Vbat is connected to 3.3 V power when JP24 is set as shown: (Default)
Vbat is connected to battery when JP24 is set as shown:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com