Electronic Components Datasheet Search
  English  ▼

X  

AN3375 Datasheet(PDF) 54 Page - STMicroelectronics

Part # AN3375
Description  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 50Page - STMicroelectronics AN3375 Datasheet HTML 51Page - STMicroelectronics AN3375 Datasheet HTML 52Page - STMicroelectronics AN3375 Datasheet HTML 53Page - STMicroelectronics AN3375 Datasheet HTML 54Page - STMicroelectronics AN3375 Datasheet HTML 55Page - STMicroelectronics AN3375 Datasheet HTML 56Page - STMicroelectronics AN3375 Datasheet HTML 57Page - STMicroelectronics AN3375 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 73 page
background image
ISO15693 library (intermediate layer)
AN3375
54/73
Doc ID 018637 Rev 1
3.9.14
ISO15693_SplitResetToReadyResponse function
This function returns the different information extracted from the response to a Reset to
ready command.
3.9.15
ISO15693_SplitGetMultipleBlockSecutityResponse function
This function returns the different information extracted from the response to a Get Multiple
Block Security command.
Table 85.
ISO15693_SplitResetToReadyResponse function description
Function description
Prototype
result = int8_t
ISO15693_SplitResetToReadyResponse(uc8
*pResponse,uc8 Length,uint8_t *Flags
,uint8_t *ErrorCode);
Input parameter
pResponse: pointer to CR95HF response
Length: number of byte of pResponse
Output parameter
Flags: response flags
ErrorCode: CR95HF Error code
Return parameter
ISO15693_ERRORCODE_CRCRESIDUE: the contactless
tag residue is erroneous
RESULTOK: the contactless tag response is valid
CR95HF_ERROR_CODE: the CR95HF returned an error
code
Table 86.
ISO15693_SplitGetMultipleBlockSecutityResponse function description
Function description
Prototype
result = int8_t
ISO15693_SplitGetMultipleBlockSecutityR
esponse( uc8 *pResponse,uc8 Length,uc8
NbBlock,uint8_t *Flags ,uint8_t
*DataOut,uint8_t *ErrorCode);
Input parameter
pResponse: pointer to CR95HF response
Length: number of byte of pResponse
NbBlock: number of blocks
Output parameter
Flags: response flags
DataOut: pointer to data
ErrorCode: CR95HF Error code
Return parameter
ISO15693_ERRORCODE_CRCRESIDUE: the contactless
tag residue is erroneous
RESULTOK: the contactless tag response is valid
CR95HF_ERROR_CODE: the CR95HF returned an error
code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com