Electronic Components Datasheet Search
  English  ▼

X  

AN3375 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3375
Description  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 14Page - STMicroelectronics AN3375 Datasheet HTML 15Page - STMicroelectronics AN3375 Datasheet HTML 16Page - STMicroelectronics AN3375 Datasheet HTML 17Page - STMicroelectronics AN3375 Datasheet HTML 18Page - STMicroelectronics AN3375 Datasheet HTML 19Page - STMicroelectronics AN3375 Datasheet HTML 20Page - STMicroelectronics AN3375 Datasheet HTML 21Page - STMicroelectronics AN3375 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
CR95HF low level layer
AN3375
18/73
Doc ID 018637 Rev 1
2.3.11
IsReaderResultCodeOk function
This function returns CR95HF_SUCCESS_CODE if the CR95HF command has succeeded.
2.3.12
IsReaderErrorCode function
This function returns CR95HF_SUCCESS_CODE value if the CR95HF command has
returned as error code.
Table 17.
CR95HF_IsReaderResultCodeOk function description
Function description
Prototype
result = int8_t
CR95HF_IsReaderResultCodeOk (uint8_t
CmdCode,uc8 *ReaderReply);
Input parameter
CmdCode: command code (one byte)
ReaderReply: pointer to CR95HF response
Output parameter
none
Return parameter
CR95HF_NOREPLY_CODE: No CR95HF response
CR95HF_SUCCESS_CODE: CR95HF returns a succeeded
code
CR95HF_ERROR_CODE: CR95HF did no't return a
succeeded code
Table 18.
CR95HF_IsReaderErrorCode
function description
Function description
Prototype
result = int8_t
CR95HF_IsReaderErrorCode (uint8_t
CmdCode,uint8_t *ReaderReply);
Input parameter
CmdCode: command code (one byte)
ReaderReply: pointer to CR95HF response
Output parameter
none
Return parameter
CR95HF_NOREPLY_CODE: No CR95HF response
CR95HF_SUCCESS_CODE: CR95HF returns an error
code
CR95HF_ERROR_CODE: CR95HF did no't return an error
code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73