Electronic Components Datasheet Search
  English  ▼

X  

AN3404 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3404
Description  Low power considerations for STM8TL5xxx devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3404 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3404 Datasheet HTML 12Page - STMicroelectronics AN3404 Datasheet HTML 13Page - STMicroelectronics AN3404 Datasheet HTML 14Page - STMicroelectronics AN3404 Datasheet HTML 15Page - STMicroelectronics AN3404 Datasheet HTML 16Page - STMicroelectronics AN3404 Datasheet HTML 17Page - STMicroelectronics AN3404 Datasheet HTML 18Page - STMicroelectronics AN3404 Datasheet HTML 19Page - STMicroelectronics AN3404 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
General power management tips
AN3404
16/30
Doc ID 018847 Rev 3
5
General power management tips
5.1
Choosing the optimal low power mode for your application
Different low power modes can be selected depending on your application:
●
Applications powered by a battery where the MCU is in sleep mode most of the time:
–
If the MCU is woken up due to external events, no time tracking is necessary and
power consumption has to be as low as possible. Halt mode is advised to extend
battery life as much as possible.
–
Active-halt mode with AWU clocked by the LSI is advised if the application does
not only depend on external events, but needs a non accurate periodic wakeup.
●
Applications powered by a battery where the MCU is awake most of the time:
–
Active-halt mode is advised if the MCU has to perform a few periodic actions using
no peripheral except the ProxSense.
–
Wait mode is advised if at least one peripheral should be enabled all the time and
an interrupt or event can wake up the MCU.
●
Applications supplied by mains but where consumption is critical:
–
Run mode, with a clock prescaler adapted to the application requirement, is
advised if the MCU has to run all the time and low power modes cannot be used.
5.2
GPIO initialization
By default, the I/Os are configured as floating input.
It is important to change the configuration of all I/Os that are not connected to defined logic
signals so as to obtain one of the following configurations:
●
Input configuration with pull-up
●
Output configuration with a low (or high) logic level
Otherwise, an increased consumption is generated by noise, as the internal Schmitt triggers
detecting this noise are toggling.
Floating I/Os could generate additional consumption in the range of a few 10 µA.
In 28-pin packages, the unbounded I/Os are connected to a defined level by factory option
configuration.
In 20-pin packages, the following pins PA6, PA7, PD2, PD3 and PD7 must be configured in
output push-pull low level by the application code in order to avoid extra consumption on
these unbounded pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com