Electronic Components Datasheet Search
  English  ▼

X  

AN3404 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN3404
Description  Low power considerations for STM8TL5xxx devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3404 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN3404 Datasheet HTML 22Page - STMicroelectronics AN3404 Datasheet HTML 23Page - STMicroelectronics AN3404 Datasheet HTML 24Page - STMicroelectronics AN3404 Datasheet HTML 25Page - STMicroelectronics AN3404 Datasheet HTML 26Page - STMicroelectronics AN3404 Datasheet HTML 27Page - STMicroelectronics AN3404 Datasheet HTML 28Page - STMicroelectronics AN3404 Datasheet HTML 29Page - STMicroelectronics AN3404 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Conclusion
AN3404
28/30
Doc ID 018847 Rev 3
8
Conclusion
The STM8TL5xxx devices offer many possibilities for developing low consumption
applications. The user can take advantage of various low power modes like Wait, Active-halt
or Halt modes. He can also reduce consumption by switching off peripherals when they are
not used. Another option for reducing consumption is to optimize the ratio between Run and
Halt modes due to the good performance of the CPU itself.
The ProxSense can be used in Wait or Active-halt modes where its consumption depends
mainly on the acquisition duration and on the number of enabled receivers.
The most important principles of low power mode management are described in this
application note, including hints on how and when to use it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30