Electronic Components Datasheet Search
  English  ▼

X  

AN3408 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3408
Description  The NFC technology allows accessing standard
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3408 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3408 Datasheet HTML 7Page - STMicroelectronics AN3408 Datasheet HTML 8Page - STMicroelectronics AN3408 Datasheet HTML 9Page - STMicroelectronics AN3408 Datasheet HTML 10Page - STMicroelectronics AN3408 Datasheet HTML 11Page - STMicroelectronics AN3408 Datasheet HTML 12Page - STMicroelectronics AN3408 Datasheet HTML 13Page - STMicroelectronics AN3408 Datasheet HTML 14Page - STMicroelectronics AN3408 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
DocID018867 Rev 4
11/38
AN3408
NDEF data
2.3
NDEF message using TLV format
A TLV format is a generic data structure used to embed information and to store NDEF
messages. The TLV format is composed of three fields:
•
Type field (T)
•
Length field (L)
•
Value field (V): contained user message.
For more information on the TLV format, refer to [TAG-2] NFC forum – on page 1.
2.3.1
T field values
Table 12 below lists the T field values as defined by the NFC forum.
CC2
0x10
7:0
Data field and CC field size = 16*8 = 128 bytes
CC3
0x00
7:0
IC does not support Read multiple block
Table 10. CC field example (continued)
Byte name
Value
Bit
Function
Table 11. TLV format description
T field
L field
V field
Length (bytes)
1
1 or 3L field value
Data description
Type of TLV block,
see Table 12
Number of bytes of
V field
Data
Table 12. T field values and description
TLV block name
T field value
Description
NULL TLV
0x00
Used to padding.
Lock control TLV
0x01
It defines details of the lock bits.
Memory control TLV
0x02
It identifies reserved memory areas.
NDEF message TLV
0x03
It contains NDEF message.
Proprietary TLV
0xFD
Tag proprietary information.
Terminator TLV
0xFE
Last TLV block in the data area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com