Electronic Components Datasheet Search
  English  ▼

X  

AN3408 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3408
Description  The NFC technology allows accessing standard
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3408 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3408 Datasheet HTML 12Page - STMicroelectronics AN3408 Datasheet HTML 13Page - STMicroelectronics AN3408 Datasheet HTML 14Page - STMicroelectronics AN3408 Datasheet HTML 15Page - STMicroelectronics AN3408 Datasheet HTML 16Page - STMicroelectronics AN3408 Datasheet HTML 17Page - STMicroelectronics AN3408 Datasheet HTML 18Page - STMicroelectronics AN3408 Datasheet HTML 19Page - STMicroelectronics AN3408 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Storing an NDEF message in STMicroelectronics ISO15693 products
AN3408
16/38
DocID018867 Rev 4
3.3
CC2 value
The CC2 byte defines the IC memory size available for a user application. It includes a CC
field and a User memory area. CC2 value = IC memory size in bytes / 8.
Table 21. First sector details on M24LR64-R
Sector
RF block
address
I2C block
address
Bits [31:24]
Bits [23:16]
Bits [15:8]
Bits [7:0]
0
0
0
CC0
CC1
CC2
CC3
1
4
Data 0
Data 1
Data 2
Data 3
2
8
Data 4
...
...
...
...
31
124
...
Table 22. CC2 value for ISO/IEC 15693 products
Product
LRI1K
LRI2K
LRIS2K
LRIS64K
M24LR64X
M24LR16E-R M24LR04E-R
Memory size
128 bytes
(1024 bits)
256 bytes
(2048 bits)
256 bytes
(2048 bits)
8192 bytes
(64 kbits)
8192 bytes
(64 kbits)
256 bytes
(2048 bits)
64 bytes
(512 bits)
CC2 value
(1)
16 = 0x10
32 = 0x20
32 = 0x20
0xFF (2)
0xFF (2)
0xFF (2)
0x40
1.
CC2 value is equal to memory size in bytes divided by 8. The value is expressed in hexadecimal.
2.
If the contactless tag memory size exceeds the CC2 field (CC2 overflow), bit 2 of CC3 shall be set.
CC2 = 8192 / 8 = 1024d = 0x400. 0x400 value exceed 8 bits, thus CC2 of M24LR64-R is set to 0xFF (2040 bytes).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com