Electronic Components Datasheet Search
  English  ▼

X  

AN3427 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN3427
Description  Migrating a microcontroller application from STM32F1 to STM32F2 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3427 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN3427 Datasheet HTML 30Page - STMicroelectronics AN3427 Datasheet HTML 31Page - STMicroelectronics AN3427 Datasheet HTML 32Page - STMicroelectronics AN3427 Datasheet HTML 33Page - STMicroelectronics AN3427 Datasheet HTML 34Page - STMicroelectronics AN3427 Datasheet HTML 35Page - STMicroelectronics AN3427 Datasheet HTML 36Page - STMicroelectronics AN3427 Datasheet HTML 37Page - STMicroelectronics AN3427 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
Peripheral migration
AN3427
34/52
Doc ID 019001 Rev 1
External trigger
Yes
Yes
External event for
regular group
For ADC1 and ADC2:
TIM1 CC1
TIM1 CC2
TIM1 CC3
TIM2 CC2
TIM3 TRGO
TIM4 CC4
EXTI line 11 /
TIM8_TRGO
For ADC3:
TIM3 CC1
TIM2 CC3
TIM1 CC3
TIM8 CC1
TIM8 TRGO
TIM5 CC1
TIM5 CC3
External event for
injected group
For ADC1 and ADC2:
TIM1 TRGO
TIM1 CC4
TIM2 TRGO
TIM2 CC1
TIM3 CC4
TIM4 TRGO
EXTI line15 /
TIM8_CC4
For ADC3:
TIM1 TRGO
TIM1 CC4
TIM4 CC3
TIM8 CC2
TIM8 CC4
TIM5 TRGO
TIM5 CC4
External event for
regular group
TIM1 CC1
TIM1 CC2
TIM1 CC3
TIM2 CC2
TIM2 CC3
TIM2 CC4
TIM2 TRGO
TIM3 CC1
TIM3 TRGO
TIM4 CC4
TIM5 CC1
TIM5 CC2
TIM5 CC3
TIM8 CC1
TIM8 TRGO
EXTI line11
External event for
injected group
TIM1 CC4
TIM1 TRGO
TIM2 CC1
TIM2 TRGO
TIM3 CC2
TIM3 CC4
TIM4 CC1
TIM4 CC2
TIM4 CC3
TIM4 TRGO
TIM5 CC4
TIM5 TRGO
TIM8 CC2
TIM8 CC3
TIM8 CC4
EXTI line15
Supply requirement
2.4 V to 3.6 V
2.4 V to 3.6 V for full speed
1.8 V to 3.6 V for reduced speed
Input range
VREF- <= VIN <= VREF+
VREF- <= VIN <= VREF+
Table 11.
ADC differences between STM32 F1 series and STM32 F2 series (continued)
ADC
STM32 F1 series
STM32 F2 series
Color key:
= Same feature, but specification change or enhancement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com