| Electronic Components Datasheet Search |
|
AN3427 Datasheet(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3427 Datasheet(HTML) 36 Page - STMicroelectronics |
|
36 / 52 page ![]() Peripheral migration AN3427 36/52 Doc ID 019001 Rev 1 3.11 RTC The STM32 F2 series embeds a new RTC peripheral vs. F1 series; the architecture, features and programming interface are different. As a consequence the F2 RTC programming procedures and registers are different from the the F1 series, i.e. any code on F1series using the RTC needs to be rewritten to run on F2 series. This new RTC provides best-in-class features: ● BCD timer/counter ● Time-of-day clock/calendar with programmable daylight saving compensation ● Two programmable alarm interrupts ● Digital calibration circuit ● Time-stamp function for event saving ● Periodic programmable wakeup flag with interrupt capability ● Automatic wakeup unit to manage low power modes ● 20 backup registers (80 bytes) which are reset when a tamper detection event occurs. For more information about STM32 F2’s RTC features, please refer to RTC chapter of STM32F2xx Reference Manual (RM0033). For advanced information about the RTC programming, please refer to the Application Note AN3371 Using the STM32 HW real-time clock (RTC). Wake-up sources Sleep mode: – Any peripheral interrupt/wakeup event Stop mode: – Any EXTI line event/interrupt Standby mode: – WKUP pin rising edge –RTC alarm – External reset in NRST pin – IWDG reset Sleep mode: – Any peripheral interrupt/wakeup event Stop mode: – Any EXTI line event/interrupt Standby mode: – WKUP pin rising edge – RTC alarm A, RTC alarm B, RTC Wakeup, Tamper event, TimeStamp event – External reset in NRST pin – IWDG reset Configuration NA In F2 two additional bits have been added: – PWR_CR[FPDS] used to power down the Flash in Stop mode – PWR_CSR[BRE] used to enable/disable the Backup regulator Table 12. PWR differences between STM32 F1 series and STM32 F2 series PWR STM32 F1 series STM32 F2 series Color key: = New feature or new architecture = Same feature, but specification change or enhancement |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |