Electronic Components Datasheet Search
  English  ▼

X  

AN3431 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3431
Description  How to design a PresSense pressure touch button
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3431 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3431 Datasheet HTML 7Page - STMicroelectronics AN3431 Datasheet HTML 8Page - STMicroelectronics AN3431 Datasheet HTML 9Page - STMicroelectronics AN3431 Datasheet HTML 10Page - STMicroelectronics AN3431 Datasheet HTML 11Page - STMicroelectronics AN3431 Datasheet HTML 12Page - STMicroelectronics AN3431 Datasheet HTML 13Page - STMicroelectronics AN3431 Datasheet HTML 14Page - STMicroelectronics AN3431 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AN3431
Mechanical construction considerations
Doc ID 019017 Rev 1
11/18
2.2
Application rigidity and adhesion of layers
The PresSense should be in a neutral position where no points on the back of the PCB
should be stressed. The PCB should have uniform pressure across the system and should
not be allowed to deform/move if a force is exerted onto the conductive top cover.
It is strongly recommended to have a backing support of rigid insulating material pressing
the PCB uniformly against the spacer layer.
Figure 5 (part 2) shows ‘mechanical problem 1’ where the system deforms when a force is
applied.
Figure 5.
Mechanical problem 1
1.
No force applied
2.
Force applied (incorrect movement)
3.
Force applied (correct movement)
Table 2.
Mechanical problem 1 analysis
Possible mechanical problems in Figure 5
Electrical consequences
Spacer layer not made from nondeformable material -
entire system deforms downwards.
Increased capacitance on buttons 1 and 2
with possible false detection on both
Mechanical support behind PCB is not in a neutral
position - whole structure (conductive top cover, spacer
layer, and PCB layer) deforms downwards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com