Electronic Components Datasheet Search
  English  ▼

X  

AN3431 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3431
Description  How to design a PresSense pressure touch button
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3431 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3431 Datasheet HTML 10Page - STMicroelectronics AN3431 Datasheet HTML 11Page - STMicroelectronics AN3431 Datasheet HTML 12Page - STMicroelectronics AN3431 Datasheet HTML 13Page - STMicroelectronics AN3431 Datasheet HTML 14Page - STMicroelectronics AN3431 Datasheet HTML 15Page - STMicroelectronics AN3431 Datasheet HTML 16Page - STMicroelectronics AN3431 Datasheet HTML 17Page - STMicroelectronics AN3431 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Conclusion
AN3431
16/18
Doc ID 019017 Rev 1
5
Conclusion
The deformation of the metal layer which leads to a touch detection depends on several
parameters which are summarized in Table 4.
Table 4.
Mechanical parameters and recommendations
Other factors influence how the buttons affect each other including the elasticity of the top
cover material or how well the top cover and spacer layers are merged with the adhesive.
Such factors can also be reduced by placing the buttons at least half the diameter of a
button away from each other.
Mechanical parameters
Recommendations
Top cover material type
Aluminium
Top cover material thickness
0.7 mm
Spacer thickness
0.1 mm to 0.5 mm
Sensor size
80 mm2 to 160 mm2
Hole size
110 % to 130 % of the button size
Force applied
Roughly between 1 N and 10 N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com