Electronic Components Datasheet Search
  English  ▼

X  

LTC2308 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2308
Description  Low Noise, 500ksps, 8-Channel, 12-Bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2308 Datasheet(HTML) 2 Page - Linear Technology

  LTC2308 Datasheet HTML 1Page - Linear Technology LTC2308 Datasheet HTML 2Page - Linear Technology LTC2308 Datasheet HTML 3Page - Linear Technology LTC2308 Datasheet HTML 4Page - Linear Technology LTC2308 Datasheet HTML 5Page - Linear Technology LTC2308 Datasheet HTML 6Page - Linear Technology LTC2308 Datasheet HTML 7Page - Linear Technology LTC2308 Datasheet HTML 8Page - Linear Technology LTC2308 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC2308
2
2308fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (AVDD, DVDD, OVDD)...........................6V
Analog Input Voltage (Note 3)
CH0-CH7, COM, REF,
REFCOMP ...................(GND – 0.3V) to (AVDD + 0.3V)
Digital Input Voltage
(Note 3).......................... (GND – 0.3V) to (DVDD + 0.3V)
Digital Output Voltage .... (GND – 0.3V) to (OVDD + 0.3V)
Power Dissipation ...............................................500mW
Operating Temperature Range
LTC2308C ................................................ 0°C to 70°C
LTC2308I.............................................. –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
(Notes 1, 2)
24
25
23 22 21 20 19
7
8
9
TOP VIEW
UF PACKAGE
24-LEAD (4mm
4mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
CH3
CH4
CH5
CH6
CH7
COM
GND
SD0
SCK
SDI
CONVST
AVDD
TJMAX = 150°C, θJA = 37°C/W
EXPOSED PAD (PIN 25) IS GND, MUST BE SOLDERED TO PCB
CONVERTER AND MULTIPLEXER CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
l
12
Bits
Integral Linearity Error
(Note 6)
l
±0.3
±1
LSB
Differential Linearity Error
l
±0.25
±1
LSB
Bipolar Zero Error
(Note 7)
l
±1
±6
LSB
Bipolar Zero Error Drift
0.002
LSB/°C
Bipolar Zero Error Match
l
±0.3
±3
LSB
Unipolar Zero Error
(Note 7)
l
±0.5
±3
LSB
Unipolar Zero Error Drift
0.002
LSB/°C
Unipolar Zero Error Match
l
±0.3
±2
LSB
The
l denotes the specifications
which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Notes 4, 5)
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2308CUF#PBF
LTC2308CUF#TRPBF
2308
24-Lead (4mm × 4mm) Plastic QFN
0°C to 70°C
LTC2308IUF#PBF
LTC2308IUF#TRPBF
2308
24-Lead (4mm × 4mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com