Electronic Components Datasheet Search
  English  ▼

X  

LTC2308 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2308
Description  Low Noise, 500ksps, 8-Channel, 12-Bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2308 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2308 Datasheet HTML 2Page - Linear Technology LTC2308 Datasheet HTML 3Page - Linear Technology LTC2308 Datasheet HTML 4Page - Linear Technology LTC2308 Datasheet HTML 5Page - Linear Technology LTC2308 Datasheet HTML 6Page - Linear Technology LTC2308 Datasheet HTML 7Page - Linear Technology LTC2308 Datasheet HTML 8Page - Linear Technology LTC2308 Datasheet HTML 9Page - Linear Technology LTC2308 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC2308
6
2308fb
FREQUENCY (kHz)
–120
–100
–90
–70
–60
0.1
10
100
1000
3208 G04
–140
1
–80
–110
–130
FREQUENCY (kHz)
1
50
70
75
80
10
100
1000
3208 G05
65
60
55
FREQUENCY (kHz)
1
50
70
75
80
10
100
1000
3208 G06
65
60
55
FREQUENCY (kHz)
1
–80
–70
–60
10
100
1000
3208 G07
–90
–85
–75
–65
–95
–100
SAMPLING FREQUENCY (ksps)
1
2.0
2.5
3.0
3.5
10
100
1000
3208 G08
1.5
1.0
0.5
0
OUTPUT CODE
0
0
0.25
0.50
4096
2308 G02
–0.25
–0.50
–1.00
1024
2048
3072
–0.75
1.00
0.75
FREQUENCY (kHz)
0
–140
–120
–100
–80
0
–40
100
150
250
–20
–60
–130
–110
–90
–10
–50
–30
–70
50
200
2308 G03
SNR = 73.7dB
SINAD = 73.6dB
THD = –89.5dB
OUTPUT CODE
0
0
0.25
0.50
4096
2308 G01
–0.25
–0.50
–1.00
1024
2048
3072
–0.75
1.00
0.75
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Nonlinearity vs
Output Code
Differential Nonlinearity vs
Output Code
1kHz Sine Wave
8192 Point FFT Plot
Crosstalk vs Frequency for
an Adjacent Pair
SNR vs Input Frequency
SINAD vs Input Frequency
THD vs Input Frequency
Supply Current vs
Sampling Frequency
Supply Current vs Temperature
TEMPERATURE ( C)
–50
–25
0
2
5
0
50
75
3208 G09
1
4
3
25
100
125
TA = 25°C, AVDD = DVDD = OVDD = 5V,
fSMPL = 500ksps, Internal Reference, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com