Electronic Components Datasheet Search
  English  ▼

X  

LTC2900 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2900
Description  Programmable Quad Supply Monitor with Adjustable Reset Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2900 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2900 Datasheet HTML 8Page - Linear Technology LTC2900 Datasheet HTML 9Page - Linear Technology LTC2900 Datasheet HTML 10Page - Linear Technology LTC2900 Datasheet HTML 11Page - Linear Technology LTC2900 Datasheet HTML 12Page - Linear Technology LTC2900 Datasheet HTML 13Page - Linear Technology LTC2900 Datasheet HTML 14Page - Linear Technology LTC2900 Datasheet HTML 15Page - Linear Technology LTC2900 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC2900
2900f
V3
V1
CRT
RST
PBR
V2
V4
VREF
VPG
GND
5
MANUAL RESET
BUTTON
(NORMALLY OPEN)
*OPTIONAL RESISTOR RECOMMENDED
TO EXTEND ESD TOLERANCE
CRT
RL1
1k
R6
100k
1%
R5
2.15M
1%
3.3V
–5.2V
SYSTEM
RESET
R2
9.53k
1%
R4
121k
1%
R3
487k
1%
R1
93.1k
1%
4
6
7
8
9
10
3
2
1
5V
12V
LED
10k*
VTRIP = –4.87V
LTC2900-1
2900 TA05
VTRIP = 11.25V
5V, 3.3V, 12V, –5.2V Monitor with Manual Reset and LED Indication on RST
TYPICAL APPLICATIO S
Low Voltage Quad Supply Monitor 3.3V, 2.5V, 1V (ADJ), 0.9V (ADJ)
V3
V1
CRT
RST
PBR
V2
V4
VREF
VPG
GND
5
CRT
SYSTEM
RESET
0.9V
VTRIP = 0.84V
VTRIP = 0.933V
2.5V
R3
68.1k
1%
R2
16.2k
1%
R4
100k
1%
R1
86.6k
1%
4
6
7
8
9
10
3
2
1
3.3V
1V
LTC2900
2900 TA04
R6
100k
1%
R5
86.6k
1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com