Electronic Components Datasheet Search
  English  ▼

X  

LTC2900 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2900
Description  Programmable Quad Supply Monitor with Adjustable Reset Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2900 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2900 Datasheet HTML 2Page - Linear Technology LTC2900 Datasheet HTML 3Page - Linear Technology LTC2900 Datasheet HTML 4Page - Linear Technology LTC2900 Datasheet HTML 5Page - Linear Technology LTC2900 Datasheet HTML 6Page - Linear Technology LTC2900 Datasheet HTML 7Page - Linear Technology LTC2900 Datasheet HTML 8Page - Linear Technology LTC2900 Datasheet HTML 9Page - Linear Technology LTC2900 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC2900
2900f
TYPICAL PERFOR A CE CHARACTERISTICS
RST Pull-Up Current vs V2
(LTC2900-1)
V2 (V)
2
0
4
8
12
2.5
3
3.5
4
2900 G22
4.5
16
20
2
6
10
14
18
5
TA = 25°C
VRT25
VRT30
VRT33
RST Pull-Up Current vs V2
(LTC2900-2)
V2 (V)
2
0
2
4
5
2.5
3
3.5
4
2900 G23
4.5
1
3
6
5
TA = 25°C
VRT25
VRT30
VRT33
RST, ISINK vs Supply Voltage
V1 OR V2 (V)
0
0
2
4
6
1
2
34
2900 G17
5
9
13
1
3
5
7
11
8
12
10
6
VOL = 0.4V
TA = 25°C
VOL = 0.2V
RST Voltage Output Low
vs Output Sink Current
RST High Level Output Voltage
vs Output Source Current
(LTC2900-2)
ISINK (mA)
0
20
40
50
90
2900 G18
10
30
60
70
80
3.0
2.5
2.0
1.5
1.0
0.5
0
85
°C
25
°C
–40
°C
V2 = 3V
V1 = 5V
ISOURCE (mA)
0
0.5
2
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
2900 G19
2.5
1.5
1
85
°C
25
°C
–40
°C
V1 = 5V
V2 = 3V
V3 = 2.5V
V4 = 1V
RST Output Voltage
vs V1, VPG = 0V
Reset Time-Out Period
vs Temperature
Reset Time-Out Period
vs Capacitance
V1 (V)
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
2900 G14
5
4
3
2
1
0
V1 = V2 = V3 = V4
10k PULL-UP FROM RST TO V1
TA = 25°C
TEMPERATURE (
°C)
–60
4.9
5.4
6.4
6.9
8.9
7.9
–20
20
40
2900 G15
5.9
8.4
7.4
–40
0
60
80
100
CRT = 1500pF
(SILVER MICA)
CRT (FARAD)
10p
100p
10n
1
µ
10
1
100m
10m
1m
100
µ
2900 G16
1n
100n
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com