Electronic Components Datasheet Search
  English  ▼

X  

LTC2910 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2910
Description  Octal Positive/Negative Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2910 Datasheet(HTML) 1 Page - Linear Technology

  LTC2910 Datasheet HTML 1Page - Linear Technology LTC2910 Datasheet HTML 2Page - Linear Technology LTC2910 Datasheet HTML 3Page - Linear Technology LTC2910 Datasheet HTML 4Page - Linear Technology LTC2910 Datasheet HTML 5Page - Linear Technology LTC2910 Datasheet HTML 6Page - Linear Technology LTC2910 Datasheet HTML 7Page - Linear Technology LTC2910 Datasheet HTML 8Page - Linear Technology LTC2910 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC2910
1
2910fc
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Octal Positive/Negative
Voltage Monitor
The LTC®2910 is an octal input voltage monitor intended
for monitoring multiple voltages in a variety of applica-
tions. Each input has a nominal 0.5V threshold, featuring
1.5% tight threshold accuracy over the entire operating
temperature range. Glitch filtering ensures reliable reset
operation without false or noisy triggering.
Polarity selection and a buffered reference allow monitor-
ing up to two separate negative voltages. A three state
input pin allows setting the polarity of two inputs without
requiring any external components.
The LTC2910 provides a precise, versatile, space-con-
scious, micropower solution for voltage monitoring.
Octal Supply Monitor, 10% Tolerance, 12V, 5V (x2), 3.3V (x2), 2.5V, 1.8V, 1.2V
■
8 Low Voltage Adjustable Inputs (0.5V)
■
Guaranteed Threshold Accuracy: ±1.5%
■
Input Glitch Rejection
■
Pin Selectable Input Polarity Allows
Negative and OV Monitoring
■
Buffered 1V Reference Output
■
Adjustable Reset Timeout with Timeout Disable
■
50μA Quiescent Current
■
Open Drain RST and RST Outputs
■
Guaranteed RST and RST for VCC ≥ 1V
■
Available in 16-Lead SSOP and 16-Lead
(5mm × 3mm) DFN Packages
■
Desktop and Notebook Computers
■
Network Servers
■
Core, I/O Voltage Monitors
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Typical Transient Duration
vs Comparator Overdrive
RST
RST
GND
V8
V7
V6
V5
V4
V3
V2
V1
LTC2910
TMR
VCC
1nF
TIMEOUT = 8.5ms
DIS
SEL
226k
0.1μF
88.7k
54.9k
39.2k
24.9k
12.7k
88.7k
54.9k
11k
11k
11k
11k
11k
11k
11k
11k
12V
5V
3.3V
2.5V
1.8V
1.2V
5V
3.3V
2910 TA01
POWER
SUPPLIES
SYSTEM
COMPARATOR OVERDRIVE PAST THRESHOLD (%)
0.1
400
500
600
700
1
10
100
2910 TA01b
300
200
100
0
VCC = 6V
RESET OCCURS
ABOVE CURVE
VCC = 2.3V


Similar Part No. - LTC2910

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2910 LINER-LTC2910 Datasheet
225Kb / 16P
Octal Positive/Negative Voltage Monitor
LTC2910 LINER-LTC2910 Datasheet
173Kb / 16P
Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2910 LINER-LTC2910 Datasheet
248Kb / 16P
36V Nano-Current Two Input Voltage Monitor
LTC2910CDHC LINER-LTC2910CDHC Datasheet
225Kb / 16P
Octal Positive/Negative Voltage Monitor
LTC2910CGN LINER-LTC2910CGN Datasheet
225Kb / 16P
Octal Positive/Negative Voltage Monitor
More results

Similar Description - LTC2910

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4354 LINER-LTC4354 Datasheet
127Kb / 12P
Negative Voltage Diode-OR Controller and Monitor
LTC2910 LINER-LTC2910 Datasheet
225Kb / 16P
Octal Positive/Negative Voltage Monitor
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
Quad UV/OV Positive/Negative Voltage Monitor
LTC4354 LINER-LTC4354_15 Datasheet
195Kb / 14P
Negative Voltage Diode-OR Controller and Monitor
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
Quad UV/OV Positive/Negative Voltage Monitor
logo
M/A-COM Technology Solu...
MAAD-010305 MA-COM-MAAD-010305_15 Datasheet
688Kb / 6P
Positive or Negative Voltage Control
MAAD-010305 MA-COM-MAAD-010305 Datasheet
688Kb / 6P
Positive or Negative Voltage Control
logo
Anaren Microwave
MSK5000 ANAREN-MSK5000 Datasheet
780Kb / 7P
DUAL POSITIVE/NEGATIVE, DUAL POSITIVE/NEGATIVE, FIXED VOLTAGE REGULATORS
logo
Analog Devices
LTC4283 AD-LTC4283 Datasheet
2Mb / 74P
Negative Voltage Hot Swap Controller with Energy Monitor
07/21-REV.B
logo
New Japan Radio
NJM2839 NJRC-NJM2839 Datasheet
131Kb / 9P
POSITIVE/NEGATIVE 2CH LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com