Electronic Components Datasheet Search
  English  ▼

X  

LTC2910 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2910
Description  Octal Positive/Negative Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2910 Datasheet(HTML) 3 Page - Linear Technology

  LTC2910 Datasheet HTML 1Page - Linear Technology LTC2910 Datasheet HTML 2Page - Linear Technology LTC2910 Datasheet HTML 3Page - Linear Technology LTC2910 Datasheet HTML 4Page - Linear Technology LTC2910 Datasheet HTML 5Page - Linear Technology LTC2910 Datasheet HTML 6Page - Linear Technology LTC2910 Datasheet HTML 7Page - Linear Technology LTC2910 Datasheet HTML 8Page - Linear Technology LTC2910 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC2910
3
2910fc
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC(MIN)
Minimum VCC Output Valid
DIS = 0V
●
1V
VCC(UVLO)
Supply Undervoltage Lockout
VCC Rising, DIS = 0V
●
1.9
2
2.1
V
ΔVCC(UVHYST)
Supply Undervoltage Lockout Hysteresis DIS = 0V
●
525
50
mV
ICC
Supply Current
VCC = 2.3V to 6V
●
50
100
μA
VREF
Reference Output Voltage
IVREF = ±1mA
●
0.985
1
1.015
V
–40°C < TA < 125°C
●
0.985
1
1.020
V
VRT
Vn Input Voltage Threshold
●
492
500
508
mV
tPROP
Vn Input Threshold to Output Delay
Vn = VRT – 5mV
●
50
125
500
μs
IVN
Vn Input Current
●
±15
nA
–40°C < TA < 125°C
●
±30
nA
tRST
Reset Timeout Period
CTMR = 1nF
●
6
8.5
12.5
ms
–40°C < TA < 125°C
●
6
8.5
14
ms
VDIS(VIH)
DIS Input Threshold Voltage High
●
1.2
V
VDIS(VIL)
DIS Input Threshold Voltage Low
●
0.8
V
IDIS
DIS Input Current
VDIS > 0.5V
●
123
μA
ITMR(UP)
TMR Pull-Up Current
VTMR = 0V
●
–1.3
–2.1
–2.8
μA
–40°C < TA < 125°C
●
–1.2
–2.1
–2.8
μA
ITMR(DOWN)
TMR Pull-Down Current
VTMR = 1.6V
●
1.3
2.1
2.8
μA
–40°C < TA < 125°C
●
1.2
2.1
2.8
μA
VTMR(DIS)
Timer Disable Voltage
Referenced to VCC
●
–180
–270
mV
VOH
Output Voltage High RST/RST
VCC = 2.3V, IRST/RST = –1μA
●
1V
VOL
Output Voltage Low RST/RST
VCC = 2.3V, IRST/RST = 2.5mA
VCC = 1V, IRST = 100μA
●
0.1
0.01
0.3
0.15
V
V
Three-State Input SEL
VIL
Low Level Input Voltage
●
0.4
V
VIH
High Level Input Voltage
●
1.4
V
VZ
Pin Voltage when Left in Hi-Z State
ISEL = ±10μA
●
0.6
0.9
1.1
V
–40°C < TA < 125°C
●
0.6
0.9
1.2
V
ISEL
SEL High, Low Input Current
●
±25
μA
ISEL(MAX)
Maximum SEL Input Current
SEL tied to either VCC or GND
●
±30
μA
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, Vn = 0.55V, SEL = VCC, DIS = OPEN unless otherwise noted.
(Note 2)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive; all voltages are referenced to
GND unless otherwise noted.
Note 3: VCC maximum pin voltage is limited by input current. Since the
VCC pin has an internal 6.5V shunt regulator, a low impedance supply that
exceeds 6V may exceed the rated terminal current. Operation from higher
voltage supplies requires a series dropping resistor. See Applications
Information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com