Electronic Components Datasheet Search
  English  ▼

X  

PD16435 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PD16435
Description  DOT MATRIX LCD CONTROLLER/DRIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16435 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PD16435_15 Datasheet HTML 5Page - Renesas Technology Corp PD16435_15 Datasheet HTML 6Page - Renesas Technology Corp PD16435_15 Datasheet HTML 7Page - Renesas Technology Corp PD16435_15 Datasheet HTML 8Page - Renesas Technology Corp PD16435_15 Datasheet HTML 9Page - Renesas Technology Corp PD16435_15 Datasheet HTML 10Page - Renesas Technology Corp PD16435_15 Datasheet HTML 11Page - Renesas Technology Corp PD16435_15 Datasheet HTML 12Page - Renesas Technology Corp PD16435_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
µPD16435, 16435A
7
(2)
Full-Dot X Address Register (Register Address = 0000B)
Performs full-dot display, display screen X (segment) direction address setting. As scrolling is not possible with a full-
dot display, addresses are not allocated to the scroll RAM area.
After powering on: Undefined
(3)
Full-Dot Y Address Register (Register Address = 0001B)
Performs full-dot display, display screen Y (common) direction address setting.
After powering on: Undefined
(4)
Full-Dot Data Register (Register Address = 0010B)
Inputs full-dot display data. Display data is stored in the display memory with the MSB on the left, and display data “1”
corresponds to illumination.
After powering on: Undefined
MSB
LSB
× : Don’t Care
b3 b2 b1 b0
Full-dot X address (00H to 0EH)
MSB
LSB
× : Don’t Care
b6
b4 b3 b2 b1 b0
b5
Full-dot Y address (00H to 48H)
MSB
LSB
b7
b6
b4 b3 b2 b1 b0
b5
× : Don’t Care
MSB
LSB
b7
b6
b4 b3 b2 b1
b5
Full-dot X address = 00H to 0DH
Full-dot X address = 0EH
Full-dot display data
Full-dot display data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com