Electronic Components Datasheet Search
  English  ▼

X  

PD16435 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # PD16435
Description  DOT MATRIX LCD CONTROLLER/DRIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16435 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button PD16435_15 Datasheet HTML 9Page - Renesas Technology Corp PD16435_15 Datasheet HTML 10Page - Renesas Technology Corp PD16435_15 Datasheet HTML 11Page - Renesas Technology Corp PD16435_15 Datasheet HTML 12Page - Renesas Technology Corp PD16435_15 Datasheet HTML 13Page - Renesas Technology Corp PD16435_15 Datasheet HTML 14Page - Renesas Technology Corp PD16435_15 Datasheet HTML 15Page - Renesas Technology Corp PD16435_15 Datasheet HTML 16Page - Renesas Technology Corp PD16435_15 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
µPD16435, 16435A
11
(10) Extension Register (Register Address = 1000B)
Performs magnification, reverse, cursor, and time mark setting.
MSB
LSB
× : Don’t Care
b3 b2 b1 b0
In case of magnification setting
00: Standard
01:
×2 horizontal
10:
×2 vertical
11:
×4 magnification (×2 horizontal & vertical)
Magnification display is performed at any line position; characters of different
sizes cannot be displayed on the same line.
Line specification magnification display is possible by setting an extension Y
address after this command, and multiple-line magnification display is possible
by setting consecutive extension Y address.
After powering on
0
0
0
0
Extension function setting
00: Magnification setting
01: Reverse setting
10: Cursor setting
11: Character blink setting
In case of reverse setting
00: Reverse cancellation (line specification)
01: Reverse (line specification)
10: Reverse cancellation (full screen)
11: Reverse (full screen)
Line specification reverse display is possible by setting an extension Y address
after this command, and multiple-line reverse display is possible by setting
consecutive extension Y addresses.
Regarding the reverse display Y address direction, a total of 9 dots (7 character
part dots + 1 cursor part dot + 1 top space dot) are reversed.
In the case of
×2 vertical magnification or ×4 magnification, a total of 18 dots
(14 character part dots + 2 cursor part dots + 2 top space dots) are reversed.
In case of cursor setting
00: Cursor non-display
01: Cursor display (blinking stopped)
10: Cursor display (blink operation)
11: Don’t Care
Blinking display can be performed at any address by specifying an extension X
and Y address after this command. The specification is for one address only.
The address specification should be performed in the order: X address
→ Y address.
In case of character blink setting
X0: Blinking stopped
X1: Blink operation
Blinking can be performed at any address by specifying an extension X and Y
address after this command. The specification is for one address only.
The address specification should be performed in the order: X address
→ Y address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com