Electronic Components Datasheet Search
  English  ▼

X  

PD16449 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PD16449
Description  SOURCE DRIVER FOR 240-OUTPUT TFT-LCD (NAVIGATION, AUTOMOBILE LCD-TV)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16449 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PD16449_15 Datasheet HTML 5Page - Renesas Technology Corp PD16449_15 Datasheet HTML 6Page - Renesas Technology Corp PD16449_15 Datasheet HTML 7Page - Renesas Technology Corp PD16449_15 Datasheet HTML 8Page - Renesas Technology Corp PD16449_15 Datasheet HTML 9Page - Renesas Technology Corp PD16449_15 Datasheet HTML 10Page - Renesas Technology Corp PD16449_15 Datasheet HTML 11Page - Renesas Technology Corp PD16449_15 Datasheet HTML 12Page - Renesas Technology Corp PD16449_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Data Sheet S15677EJ1V0DS
7
µµµµPD16449
4. PIN FUNCTIONS
Symbol
Pin Name
Pad No.
I/O
Description
C1 to C3
Video signal input
1 to 3, 4 to 6,
7 to 9
Input
Input R, G, and B video signals.
H1 to H300
Video signal output
65 to 304
Output
Video signal output pins. Output sampled and held video signals during
horizontal period.
STHR,
STHL
Cascade I/O
46, 47
16 to 18
I/O
Start pulse I/O pins of sample hold timing. STHR serves as an input
pin and STHL, as an output pin, in the case of right shift. In the case of
left shift, STHL serves as an input pin, and STHR, as an output pin.
CLI1 to
CLI3
Shift clock input
34 to 38,
37 to 39,
40 to 42
Input
A start pulse is read at the rising edge of CLI1. Sampling pulse SHPn
is generated at the rising edge of CLI1 through CLI3 during successive
sampling, and at the rising edge of CLI1 during simultaneous sampling
(for details, refer to the Timing charts in 5. FUNCTIONAL
DESCRIPTION).
INH
Inhibit input
31 to 33
Input
Selects a multiplexer and one of the two sample and hold circuits at the
falling edge.
RESET
Reset input
28 to 30
Input
Resets the select counter of the multiplexer and the selector circuit of
the two sample and hold circuits when it goes high. After reset, the
multiplexer is turned OFF, so sure to input one pulse of the INH signal
before inputting the video signal. If the video signal is input without the
INH signal, sampling is not executed.
Four types of color filter arrays can be supported by combination of
MP/TH and MP/1.5.
Mode
MP/TH
MP/1.5
MP/TH
Multiplexer circuit
select input (1)
19 to 21
Input
Vertical stripe array
L
L
Single-side delta array
L
H
Mosaic array
H
L
Double-side delta array
H
H
MP/1.5
Multiplexer circuit
select input (2)
22 to 24
Input
R,/L
Shift direction
select input
25 to 27
Input
R,/L = H: Right shift: STHR
→ H1 → H240 → STHL
R,/L = L: Left shift: STHL
→ H240 → H1 → STHR
VDD1
Logic power supply
13 to 15
−
3.0 to 5.5 V
VDD2
Driver power
supply
10 to 12
−
5.0 V
± 0.5 V
VSS1
Logic ground
49 to 51
−
Connect this pin to ground of system.
VSS2
Driver ground
52 to 57
−
Connect this pin to ground of system.
TEST
Test
43 to 45
−
Fix this pin to low level.
Dummy
Dummy
48, 58 to 64,
305 to 311
−
No dummy pins are connected with other pins inside IC.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com