Electronic Components Datasheet Search
  English  ▼

X  

PD16449 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # PD16449
Description  SOURCE DRIVER FOR 240-OUTPUT TFT-LCD (NAVIGATION, AUTOMOBILE LCD-TV)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16449 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button PD16449_15 Datasheet HTML 17Page - Renesas Technology Corp PD16449_15 Datasheet HTML 18Page - Renesas Technology Corp PD16449_15 Datasheet HTML 19Page - Renesas Technology Corp PD16449_15 Datasheet HTML 20Page - Renesas Technology Corp PD16449_15 Datasheet HTML 21Page - Renesas Technology Corp PD16449_15 Datasheet HTML 22Page - Renesas Technology Corp PD16449_15 Datasheet HTML 23Page - Renesas Technology Corp PD16449_15 Datasheet HTML 24Page - Renesas Technology Corp PD16449_15 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Data Sheet S15677EJ1V0DS
19
µµµµPD16449
6. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25
°°°°C, VSS1 = 0 V)
Parameter
Symbol
Condition
Ratings
Unit
Logic supply voltage
VDD1
−0.5 to +6.0
V
Driver supply voltage
VDD2
−0.5 to +6.0
V
Logic input voltage
VI
−0.5 to VDD1 +0.5
V
Video input voltage
VVI
C1 to C3
−0.5 to VDD2 +0.5
V
Logic output voltage
V01
−0.5 to VDD1 +0.5
V
Driver output voltage
V02
−0.5 to VDD2 +0.5
V
Driver output current
IO2
±10
mA
Operating temperature range
TA
−30 to +85
°C
Storage temperature range
Tstg
−65 to +125
°C
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions that
ensure that the absolute maximum ratings are not exceeded.
Recommended Operating Conditions (TA = –40 to +85
°°°°C, VSS1 = VSS2 = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Logic supply voltage
VDD1
3.0
3.3
5.5
V
Driver supply voltage
VDD2
4.5
5.0
5.5
V
Video input voltage
VVI
VSS2 + 0.35
VDD2
− 0.35
V
Driver output voltage
V02
VSS2 + 0.35
VDD2
− 0.35
V
High level Input voltage
VIH
0.7 VDD1
VDD1
V
Low level Input voltage
VIL
00.3 VDD1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com