Electronic Components Datasheet Search
  English  ▼

X  

UPD70433 Datasheet(PDF) 39 Page - NEC

Part # UPD70433
Description  V55PITM 16-BIT MICROPROCESSOR
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70433 Datasheet(HTML) 39 Page - NEC

Back Button UPD70433 Datasheet HTML 35Page - NEC UPD70433 Datasheet HTML 36Page - NEC UPD70433 Datasheet HTML 37Page - NEC UPD70433 Datasheet HTML 38Page - NEC UPD70433 Datasheet HTML 39Page - NEC UPD70433 Datasheet HTML 40Page - NEC UPD70433 Datasheet HTML 41Page - NEC UPD70433 Datasheet HTML 42Page - NEC UPD70433 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 166 page
background image
39
µPD70433
4.
BUS CONTROL FUNCTIONS
With the V55PI pin, refer to 1.1.2 (1) "Pin function for bus control".
As regards pins which have an alternate function as port pins, when that function is used, the corresponding function
must be selected by means of the port mode control register (PMCn).
4.1
WAIT FUNCTION
The V55PI divides the basic memory space (000000H to 0FFFFFH) into a maximum of 4 blocks with a variable memory
size, divides the uppermost extended memory space area (100000H to FFFFFFH) into two areas with a variable memory
size, and performs wait control for each block. The memory size of each block in the basic memory space is specified by
the memory block control register (MBC).
Figure 4-1 shows the memory block configuration when A9H has been set for the MBC register value.
Figure 4-1. Partitioned Memory Control
MB31
00
00
11
00
01
11
00
01
10
11
Main Memory Space
MBC
Block 0
Block 1
Block 2
Block 3
Block 4
128K Bytes
256K Bytes
512K Bytes
640K Bytes
768K Bytes
896K Bytes
1M Bytes
2M Bytes
4M Bytes
6M Bytes
8M Bytes
10
01
10
01
10
11
Block 5
16M Bytes
1
MB30
0
MB21
1
MB20
0
MB11
1
MB10
1
MB01
0
MB00
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com