Electronic Components Datasheet Search
  English  ▼

X  

UPD70433 Datasheet(PDF) 2 Page - NEC

Part # UPD70433
Description  V55PITM 16-BIT MICROPROCESSOR
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70433 Datasheet(HTML) 2 Page - NEC

  UPD70433 Datasheet HTML 1Page - NEC UPD70433 Datasheet HTML 2Page - NEC UPD70433 Datasheet HTML 3Page - NEC UPD70433 Datasheet HTML 4Page - NEC UPD70433 Datasheet HTML 5Page - NEC UPD70433 Datasheet HTML 6Page - NEC UPD70433 Datasheet HTML 7Page - NEC UPD70433 Datasheet HTML 8Page - NEC UPD70433 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 166 page
background image
2
µPD70433
ORDERING INFORMATION
Part Number
Package
µPD70433GD-12-5BB
120-pin plastic QFP (28
× 28 mm)
12.5
µPD70433GD-16-5BB
120-pin plastic QFP (28
× 28 mm)
16
µPD70433R-12
132-pin ceramic PGA
12.5
µPD70433R-16
132-pin ceramic PGA
16
µPD70433GJ-12-3EB
120-pin plastic QFP (fine pitch) (20
× 20 mm)
12.5
µPD70433GJ-16-3EB
120-pin plastic QFP (fine pitch) (20
× 20 mm)
16
• Interrupt controller
• Programmable priority (4 levels)
• Three interrupt servicing methods
Vectored interrupt function, register bank switching function, macro service function
• 16-bit timer: 4 channels
• Watchdog timer function
• Software interval timer (16 bits)
• Address field wait insertion function and RAS/CAS switchover timing generation function
• DRAM and pseudo-SRAM refresh functions
• Standby functions (STOP mode, HALT mode)
• On-chip clock generator
APPLICATIONS
• Control of data processing systems using serial or parallel communication
(Data processing terminals, printer, G3 facsimile, etc.)
Maximum Operating
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com