Electronic Components Datasheet Search
  English  ▼

X  

PD64A Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # PD64A
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD64A Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button PD64A_15 Datasheet HTML 15Page - Renesas Technology Corp PD64A_15 Datasheet HTML 16Page - Renesas Technology Corp PD64A_15 Datasheet HTML 17Page - Renesas Technology Corp PD64A_15 Datasheet HTML 18Page - Renesas Technology Corp PD64A_15 Datasheet HTML 19Page - Renesas Technology Corp PD64A_15 Datasheet HTML 20Page - Renesas Technology Corp PD64A_15 Datasheet HTML 21Page - Renesas Technology Corp PD64A_15 Datasheet HTML 22Page - Renesas Technology Corp PD64A_15 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
17
µPD64A, 65
Data Sheet U14380EJ3V0DS00
3.2.4 S2 port (bit 1 of P1)
The S2 port is an input port.
Use of a STOP mode release for the S2 port can be specified by bit 3 of the P4 register.
When using this port as a key input from a key matrix, enable the use of the STOP mode release (bit 3 of P4
register is set to 1) (at this time, a pull-down resistor is connected internally). When the STOP mode release is
disabled (bit 3 of P4 register is set to 0), this port can be used as an input port that does not release the STOP
mode even if the release condition is established (at this time, a pull-down resistor is not connected internally).
The state of the pin can be read in both cases.
After reset, the pin is set to input mode in which the STOP mode release is disabled, and enters a high-impedance
state.
3.3 Control Register 0 (P3)
Control register 0 consists of 8 bits. The contents that can be controlled are as shown below.
After reset, the register becomes 0000 0011B.
Table 3-4. Control Register 0 (P3)
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Name
—
DP (Data Pointer)
TCTL
CARY
MOD1
MOD0
DP10Note
DP9
DP8
Set
0
Fixed
0
0
0
1/1
ON
Refer to Table 3-5.
value
1
to “0”
1
1
1
1/2
OFF
After reset
0
0
0
0
0
0
1
1
b0, b1: These bits specify the carrier frequency and duty ratio of the REM output.
b2:
This bit specifies the availability of the carrier of the frequency specified by b0 and b1.
“0” = ON (with carrier); “1” = OFF (without carrier; high level)
b3:
This bit changes the carrier frequency and the timer clock’s frequency division ratio.
“0” = 1/1 (carrier frequency: The specified value of b0 and b1; timer clock: fX/64)
“1” = 1/2 (carrier frequency: Half of the specified value of b0 and b1; timer clock: fX/128)
Table 3-5. Timer Clock and Carrier Frequency Settings
b3
b2
b1
b0
Timer Clock
Carrier Frequency (Duty Ratio)
0000fX/64
fX/8 (Duty 1/2)
01
fX/64 (Duty 1/2)
10
fX/96 (Duty 1/2)
11
fX/96 (Duty 1/3)
1
××
Without carrier (high level)
1000fX/128
fX/16 (Duty 1/2)
01
fX/128 (Duty 1/2)
10
fX/192 (Duty 1/2)
11
fX/192 (Duty 1/3)
1
××
Without carrier (high level)
b4, b5, b6: These bits specify the higher 3 bits (DP8, DP9 and DP10) of ROM’s data pointer.
Note Set DP10 of the
µPD64A to 0.
Remark
×: don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com