Electronic Components Datasheet Search
  English  ▼

X  

PD64A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PD64A
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD64A Datasheet(HTML) 3 Page - Renesas Technology Corp

  PD64A_15 Datasheet HTML 1Page - Renesas Technology Corp PD64A_15 Datasheet HTML 2Page - Renesas Technology Corp PD64A_15 Datasheet HTML 3Page - Renesas Technology Corp PD64A_15 Datasheet HTML 4Page - Renesas Technology Corp PD64A_15 Datasheet HTML 5Page - Renesas Technology Corp PD64A_15 Datasheet HTML 6Page - Renesas Technology Corp PD64A_15 Datasheet HTML 7Page - Renesas Technology Corp PD64A_15 Datasheet HTML 8Page - Renesas Technology Corp PD64A_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
4-BIT SINGLE-CHIP MICROCONTROLLERS
FOR INFRARED REMOTE CONTROL TRANSMISSION
DESCRIPTION
The
µPD64A and 65 feature low-voltage 2.0 V operation, and incorporate a carrier generator for infrared remote
control transmission, a standby release function through key entry, and a programmable timer, making them ideal
for infrared remote control transmitters.
A one-time PROM product, the
µPD6P5 is also available for program evaluation or small-quantity production.
FEATURES
• Program memory (ROM)
•
µPD64A: 1002 × 10 bits
•
µPD65:
2026
× 10 bits
• Data memory (RAM):
32
× 4 bits
• On-chip carrier generator for infrared remote control
• 9-bit programmable timer:
1 channel
• Instruction execution time:
16
µs (when operating at fX = 4 MHz: ceramic oscillation)
• Stack levels:
1 (stack RAM is also used for data memory RF)
• I/O pins (KI/O):
8
• Input pins (KI):
4
• Sense input pin (S0, S2):
2
•S1/LED pin (I/O):
1 (when in output mode, this is the remote control transmission display
pin.)
• Power supply voltage:
VDD = 2.0 to 3.6 V
• Operating ambient temperature: TA = –40 to +85
°C
• Oscillation frequency:
fX = 2.4 to 8 MHz
• On-chip POC circuit
APPLICATIONS
Infrared remote control transmitters (for AV and household electric appliances)
Unless otherwise specified, the
µPD65 is treated as the representative model throughout this document.
MOS INTEGRATED CIRCUIT
µPD64A, 65
Document No. U14380EJ3V0DS00 (3rd edition)
Date Published December 2000 N CP(K)
Printed in Japan
The mark
shows major revised points.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability
and additional information.
©
1999
DATA SHEET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com