Electronic Components Datasheet Search
  English  ▼

X  

PD62 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PD62
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD62 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PD62_15 Datasheet HTML 2Page - Renesas Technology Corp PD62_15 Datasheet HTML 3Page - Renesas Technology Corp PD62_15 Datasheet HTML 4Page - Renesas Technology Corp PD62_15 Datasheet HTML 5Page - Renesas Technology Corp PD62_15 Datasheet HTML 6Page - Renesas Technology Corp PD62_15 Datasheet HTML 7Page - Renesas Technology Corp PD62_15 Datasheet HTML 8Page - Renesas Technology Corp PD62_15 Datasheet HTML 9Page - Renesas Technology Corp PD62_15 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
4
µPD62
Data Sheet U14208EJ1V0DS00
TABLE OF CONTENTS
1.
PIN FUNCTIONS .........................................................................................................................
6
1.1
List of Pin Functions .........................................................................................................................
6
1.2
INPUT/OUTPUT Circuits of Pins ......................................................................................................
7
1.3
Dealing with Unused Pins ................................................................................................................
8
2.
INTERNAL CPU FUNCTIONS ....................................................................................................
9
2.1
Program Counter (PC) ......................................................................................................................
9
2.2
Stack Pointer (SP) .............................................................................................................................
9
2.3
Address Stack Register (ASR (RF)) .................................................................................................
9
2.4
Program Memory (ROM) ................................................................................................................... 10
2.5
Data Memory (RAM) .......................................................................................................................... 10
2.6
Data Pointer (DP) ............................................................................................................................... 11
2.7
Accumulator (A) ................................................................................................................................ 11
2.8
Arithmetic and Logic Unit (ALU) ...................................................................................................... 12
2.9
Flags ................................................................................................................................................... 12
2.9.1
Status flag (F) .......................................................................................................................... 12
2.9.2
Carry flag (CY) ........................................................................................................................ 13
3.
PORT REGISTERS (PX) ............................................................................................................. 14
3.1
KI/O Port (P0) .......................................................................................................................................
15
3.2
KI Port/Special Ports (P1) ................................................................................................................. 16
3.2.1
KI port (P11: bits 4-7 of P1) ...................................................................................................... 16
3.2.2
S0 port (bit 2 of P1) .................................................................................................................. 16
3.2.3
S1/LED (bit 3 of P1) ................................................................................................................. 16
3.3
Control Register 0 (P3) .....................................................................................................................
17
3.4
Control Register 1 (P4) .....................................................................................................................
18
4.
TIMER ......................................................................................................................................... 19
4.1
Timer Configuration ..........................................................................................................................
19
4.2
Timer Operation .................................................................................................................................
20
4.3
Carrier Output .................................................................................................................................... 21
4.4
Software Control of Timer Output ...................................................................................................
21
5.
STANDBY FUNCTION ................................................................................................................ 22
5.1
Outline of Standby Function ............................................................................................................ 22
5.2
Standby Mode Setup and Release ...................................................................................................
23
5.3
Standby Mode Release Timing ........................................................................................................
24
6.
RESET PIN .................................................................................................................................. 26
7.
POC CIRCUIT (MASK OPTION) ................................................................................................ 27
7.1
Functions of POC Circuit .................................................................................................................. 28
7.2
Oscillation Check at Low Supply Voltage .......................................................................................
28
8.
SYSTEM CLOCK OSCILLATION CIRCUIT ............................................................................... 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com