Electronic Components Datasheet Search
  English  ▼

X  

LTC3221 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3221
Description  Micropower, Regulated Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3221 Datasheet(HTML) 2 Page - Linear Technology

  LTC3221 Datasheet HTML 1Page - Linear Technology LTC3221 Datasheet HTML 2Page - Linear Technology LTC3221 Datasheet HTML 3Page - Linear Technology LTC3221 Datasheet HTML 4Page - Linear Technology LTC3221 Datasheet HTML 5Page - Linear Technology LTC3221 Datasheet HTML 6Page - Linear Technology LTC3221 Datasheet HTML 7Page - Linear Technology LTC3221 Datasheet HTML 8Page - Linear Technology LTC3221 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3221/
LTC3221-3.3/LTC3221-5
2
3221f
VIN, ⎯S⎯H⎯D⎯N, FB............................................. – 0.3V to 6V
VOUT to GND............................................. – 0.3V to 5.5V
VOUT Short-Circuit Duration ............................ Indefinite
Operating Temperature Range (Note 2) .. – 40°C to 85°C
Storage Temperature Range.................. – 65°C to 125°C
Maximum Junction Temperature .......................... 125°C
(Note 1)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 2.5V (LTC3221-3.3/LTC3221) or 3V (LTC3221-5), ⎯S⎯H⎯D⎯N = VIN,
CFLY = 1µF, CIN = 2.2µF, COUT = 2.2µF, unless otherwise specified.
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
FOR ATIO
PACKAGE/ORDER I
TOP VIEW
4
5
7
6
3
2
1
C+
C–
SHDN/FB*
VOUT
VIN
GND
TJMAX = 125°C, θJA = 80°C/W
EXPOSED PAD IS GND (PIN 7) MUST BE SOLDERED TO PCB
*⎯S⎯H⎯D⎯N ON LTC3221-3.3;LTC3221-5 FB ON LTC3221
ORDER PART NUMBER
DC PART MARKING
LTC3221EDC
LTC3221EDC-3.3
LTC3221EDC-5
LCCP
LBQP
LCCN
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LTC3221-3.3
VIN
Input Supply Voltage
●
1.8
4.4
V
VOUT
Output Voltage
1.8V ≤ VIN ≤ 4.4V, IOUT ≤ 25mA
2V ≤ VIN < 4.4V, IOUT ≤ 60mA
●
3.168
3.3
3.432
V
ICC
Operating Supply Current
IOUT = 0mA
●
815
µA
VR
Output Ripple
VIN = 2V, IOUT = 60mA, COUT = 4.7µF (Note 3)
35
mVP-P
η
Efficiency
VIN = 2V, IOUT = 60mA (Note 3)
82
%
ISC
Output Short-Circuit Current
VOUT = 0V
●
120
240
mA
LTC3221-5
VIN
Input Supply Voltage
●
2.7
5.5
V
VOUT
Output Voltage
2.7V ≤ VIN ≤ 5.5V, IOUT < 25mA
3V ≤ VIN ≤ 5.5V, IOUT < 60mA
●
4.8
5
5.2
V
ICC
Operating Supply Current
IOUT = 0mA
●
815
µA
VR
Output Ripple
VIN = 3V, IOUT = 60mA, COUT = 4.7µF (Note 3)
45
mVP-P
η
Efficiency
VIN = 3V, IOUT = 60mA (Note 3)
82
%
ISC
Output Short-Circuit Current
VOUT = 0V
●
120
240
mA
LTC3221
VIN
Input Supply Voltage
●
1.8
5.5
V
VFB
Feedback Voltage
●
1.181
1.23
1.279
V
ROL
Open-Loop Impedance
VIN = 1.8V, VOUT = 3V (Note 4)
●
10
20
Ω
ICC
Operating Supply Current
IOUT = 0mA
●
512
µA
IFB
FB Input Current
FB = 1.33V, VIN = 2V
●
–100
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com