Electronic Components Datasheet Search
  English  ▼

X  

LTC3221 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3221
Description  Micropower, Regulated Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3221 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3221 Datasheet HTML 2Page - Linear Technology LTC3221 Datasheet HTML 3Page - Linear Technology LTC3221 Datasheet HTML 4Page - Linear Technology LTC3221 Datasheet HTML 5Page - Linear Technology LTC3221 Datasheet HTML 6Page - Linear Technology LTC3221 Datasheet HTML 7Page - Linear Technology LTC3221 Datasheet HTML 8Page - Linear Technology LTC3221 Datasheet HTML 9Page - Linear Technology LTC3221 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC3221/
LTC3221-3.3/LTC3221-5
6
3221f
The LTC3221 family uses a switched capacitor charge pump
to boost VIN to a regulated output voltage. Regulation is
achieved by monitoring the output voltage, VOUT using a
comparator (CMP in the Block Diagram) and keeping it
within a hysteresis window. If VOUT drops below the lower
trip point of CMP, VOUT is charged by the controlled cur-
rent, ISW in series with the flying capacitor CFLY. Once VOUT
goes above the upper trip point of CMP, or if the upper
trip point is not reached after 0.8µs, CFLY is disconnected
from VOUT. The bottom plate of CFLY is then connected
to GND to allow ISW to replenish the charge on CFLY for
0.8µs. After which, ISW is turned off to keep the operating
supply current low. CMP continues to monitor VOUT and
turns on ISW if the lower threshold is reached again.
Shutdown Mode
The ⎯S⎯H⎯D⎯N pin is a CMOS input with a threshold voltage
of approximately 0.8V. The LTC3221-3.3/ LTC3221-5 are
in shutdown when a logic low is applied to the ⎯S⎯H⎯D⎯N
pin. In shutdown mode, all circuitry is turned off and the
LTC3221-3.3/ LTC3221-5 draw only leakage current from
the VIN supply. Furthermore, VOUT is disconnected from
VIN. Since the ⎯S⎯H⎯D⎯N pin is a very high impedance CMOS
input, it should never be allowed to float.
When ⎯S⎯H⎯D⎯N is asserted low, the charge pump is first dis-
abled, but the LTC3221-3.3/LTC3221-5 continue to draw
5µA of supply current. This current will drop to zero when
the output voltage (VOUT) is fully discharged to 0V.
OPERATIO
(Refer to Block Diagrams)
LTC3221-3.3/LTC3221-5
LTC3221
ISW
CMP
SHDN
VOUT
C+
VIN
C–
GND
1
5
2
4
6
3
–
+
VREF
CONTROL
ISW
CMP
FB
VOUT
C+
VIN
C–
GND
1
5
2
4
6
–
+
VREF
CONTROL
3
2
1
2
1
2
1
2
1
3221 BD
BLOCK DIAGRA
PI FU CTIO S
C+ (Pin 1): Flying Capacitor Positive Terminal.
C– (Pin 2): Flying Capacitor Negative Terminal.
⎯S⎯H⎯D⎯N (Pin 3) (LTC3221-3.3/LTC3221-5): Active Low
Shutdown Input. A low on ⎯S⎯H⎯D⎯N disables the LTC3221-3.3/
LTC3221-5. ⎯S⎯H⎯D⎯N must not be allowed to float.
FB (Pin 3) (LTC3221): Feedback. The voltage on this pin
is compared to the internal reference voltage (1.23V) by
the error comparator to keep the output in regulation. An
external resistor divider is required between VOUT and FB
to program the output voltage.
GND (Pin 4): Ground. Should be tied to a ground plane
for best performance.
VIN (Pin 5): Input Supply Voltage. VIN should be bypassed
with a 2.2µF low ESR capacitor.
VOUT (Pin 6): Regulated Output Voltage. For best perfor-
mance, VOUT should be bypassed with a 2.2µF or higher
low ESR capacitor as close as possible to the pin.
Exposed Pad (Pin 7) Ground. The exposed pad must be
soldered to PCB ground to provide electrical contact and
optimum thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com