Electronic Components Datasheet Search
  English  ▼

X  

BAS19 Datasheet(PDF) 5 Page - TAITRON Components Incorporated

Part # BAS19
Description  Three Terminals SMD Switching Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BAS19 Datasheet(HTML) 5 Page - TAITRON Components Incorporated

  BAS19 Datasheet HTML 1Page - TAITRON Components Incorporated BAS19 Datasheet HTML 2Page - TAITRON Components Incorporated BAS19 Datasheet HTML 3Page - TAITRON Components Incorporated BAS19 Datasheet HTML 4Page - TAITRON Components Incorporated BAS19 Datasheet HTML 5Page - TAITRON Components Incorporated BAS19 Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Three Terminals SMD Switching
Rev. A/AH
BAS19/BAS20/BAS21
www.taitroncomponents.com
Page 5 of 6
Packing Information:
Carrier Tape Dimensions (in mm)
Note: Symbol A0, B0, K0 are determined by the maximum dimensions of the component size.
The clearance between the component and the cavity must be within
0.05 mm (0.002’’) min. to 0.50 mm (0.02’’) max. for 8 mm tape.
Reel Dimensions (in mm)
A0
B0
K0
D
P0
P
Product Type
See Note
1.55±0.5
4.0±0.1
4.0±0.1
W
E
T
D1
F
P2
SOT-23
8.0+0.3/-0.1
1.75±0.1
0.38±0.1
1.0±0.05
3.5±0.5
2.0±0.05
A
C
G
T
178.0±2.0
13.0±0.5
8.4±2.0
14.4 max.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com