Electronic Components Datasheet Search
  English  ▼

X  

BAS19 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # BAS19
Description  Three Terminals SMD Switching Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BAS19 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  BAS19 Datasheet HTML 1Page - TAITRON Components Incorporated BAS19 Datasheet HTML 2Page - TAITRON Components Incorporated BAS19 Datasheet HTML 3Page - TAITRON Components Incorporated BAS19 Datasheet HTML 4Page - TAITRON Components Incorporated BAS19 Datasheet HTML 5Page - TAITRON Components Incorporated BAS19 Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. A/AH
BAS19/BAS20/BAS21
Three Terminals
SMD Switching Diodes
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 6
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
Three Terminals SMD Switching Diodes
Features
• Fast switching speed
• Surface mount package ideally suited for automatic insertion
• Electrically Identical to Standard JEDEC
• High conductance
• RoHS compliant
Mechanical Data
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
BAS19
BAS20
BAS21
Unit
Conditions
Marking Code
A8
A80
A82
VR
Reverse Voltage
100
150
200
V
VRRM
Peak Reverse Voltage
120
200
250
V
IF(AV)
Average Forward Rectified
Current
0.2
A
Half Wave
Rectification with
Resistive Load and
f≥50Hz
IFSM
Peak Forward Surge Current
2.5
A
t=1.0µs
PD
Power Dissipation
250
mW
Derate above 25° C
RthJA
Thermal Resistance from
Junction to Ambient Air
500
° C/W
TJ,
TSTG
Operating Junction and Storage
Temperature Range
-55 to +150
° C
Case:
SOT-23, Plastic Case
Terminals:
Solderable per MIL-STD-202G, Method 208
Weight:
Approx. 0.008 gram
SOT-23


Similar Part No. - BAS19

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS19 PANJIT-BAS19 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS19 PHILIPS-BAS19 Datasheet
56Kb / 12P
General purpose diodes
1999 May 26
logo
Vishay Siliconix
BAS19 VISHAY-BAS19 Datasheet
53Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAS19 TRSYS-BAS19 Datasheet
146Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAS19 WTE-BAS19 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS19

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
BAS16WS TAITRON-BAS16WS Datasheet
173Kb / 4P
Three Terminals SMD Switching Diode
BAV70 TAITRON-BAV70 Datasheet
212Kb / 5P
Three Terminals SMD Switching Diode
MMBD914 TAITRON-MMBD914 Datasheet
274Kb / 5P
Three Terminals SMD Switching Diode
MMBD3004A TAITRON-MMBD3004A Datasheet
252Kb / 6P
Three Terminals SMD Switching Diodes
MMBD4148 TAITRON-MMBD4148 Datasheet
239Kb / 5P
Three Terminals SMD Switching Diodes
BAS21A TAITRON-BAS21A Datasheet
261Kb / 6P
Three Terminals SMD Switching Diodes
BAV99-226 TAITRON-BAV99-226 Datasheet
200Kb / 7P
Three Terminals SMD Switching Diode
BAW56 TAITRON-BAW56 Datasheet
242Kb / 6P
Three Terminals SMD Switching Diode
BAW56WS TAITRON-BAW56WS Datasheet
323Kb / 6P
Three Terminals SMD Switching Diode
MMBD3004A TAITRON-MMBD3004A_09 Datasheet
258Kb / 6P
Three Terminals SMD Switching Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com